Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor FULLFLEX Datasheet HTML 17Page - Cypress Semiconductor FULLFLEX Datasheet HTML 18Page - Cypress Semiconductor FULLFLEX Datasheet HTML 19Page - Cypress Semiconductor FULLFLEX Datasheet HTML 20Page - Cypress Semiconductor FULLFLEX Datasheet HTML 21Page - Cypress Semiconductor FULLFLEX Datasheet HTML 22Page - Cypress Semiconductor FULLFLEX Datasheet HTML 23Page - Cypress Semiconductor FULLFLEX Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 20 of 52
READY
VOH
Output HIGH voltage
(VDDIO = Min, IOH = –24 mA)
LVTTL
2.7[42]
––
V
(VDDIO = Min, IOH = –12 mA)
HSTL(DC)[43]
VDDIO – 0.4[42]
––
V
(VDDIO = Min, IOH = –12 mA)
HSTL (AC)[43]
VDDIO – 0.5[42]
––
V
(VDDIO = Min, IOH = –15 mA)
2.5 V LVCMOS
2.0[42]
––
V
(VDDIO = Min, IOH = –12 mA)
1.8 V LVCMOS
VDDIO – 0.45[42]
––
V
READY
VOL
Output HIGH voltage
(VDDIO = Min, IO = 0.12 mA)
LVTTL
–
–
0.4[42]
V
(VDDIO = Min, IOL = 0.12 mA)
HSTL(DC)[43]
––
0.4[42]
V
(VDDIO = Min, IOL = 0.12 mA)
HSTL (AC)[43]
––
0.5[42]
V
(VDDIO = Min, IOL = 0.15 mA)
2.5 V LVCMOS
–
–
0.7[42]
V
(VDDIO = Min, IOL = 0.08 mA)
1.8 V LVCMOS
–
–
0.45[42]
V
IOZ
Output leakage current
–10
–
10
A
IIX1
Input leakage current except
TDI, TMS, MRST, PORTSTD
–10
–
10
A
IIX2
Input leakage current TDI,
TMS, MRST
–300
–
10
A
IIX3
Input leakage current
PORTSTD
–10
–
300
A
Electrical Characteristics (continued)
Over the Operating Range
Parameter
Description
Configuration
All Speed Bins
Unit
Min
Typ
Max
Notes
42. These parameters are met with VIM disabled.
43. The DC specifications are measured under steady state conditions. The AC specifications are measured while switching at speed. AC VIH/VIL in HSTL mode are
measured with 1 V/ns input edge rates.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com