Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 5Page - Cypress Semiconductor FULLFLEX Datasheet HTML 6Page - Cypress Semiconductor FULLFLEX Datasheet HTML 7Page - Cypress Semiconductor FULLFLEX Datasheet HTML 8Page - Cypress Semiconductor FULLFLEX Datasheet HTML 9Page - Cypress Semiconductor FULLFLEX Datasheet HTML 10Page - Cypress Semiconductor FULLFLEX Datasheet HTML 11Page - Cypress Semiconductor FULLFLEX Datasheet HTML 12Page - Cypress Semiconductor FULLFLEX Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 9 of 52
Selection Guide
Parameter
-200
-167
Unit
fMAX[21]
200
167
MHz
Maximum access time (clock to data)
3.3
4.0
ns
Typical operating current ICC
800[20]
700[20]
mA
Typical standby current for ISB3 (both ports CMOS level)
210[20]
210[20]
mA
Pin Definitions
Left Port
Right Port
Description
A[20:0]L
A[20:0]R
Address inputs.[22]
DQ[71:0]L
DQ[71:0]R
Data bus input and output.[23]
BE[7:0]L
BE[7:0]R
Byte select inputs.[24] Asserting these signals enables read and write operations to the
corresponding bytes of the memory array.
BUSYL
BUSYR
Port busy output. When there is an address match and both chip enables are active for both
ports, an external BUSY signal is asserted on the fifth clock cycles from when the collision occurs.
CL
CR
Clock signal. Maximum clock input rate is fMAX.
CE0L
CE0R
Active LOW chip enable input.
CE1L
CE1R
Active HIGH chip enable input.
CQENL
CQENR
Echo clock enable input. Assert HIGH to enable echo clocking on respective port.
CQ0L
CQ0R
Echo clock signal output for DQ[35:0] for FullFlex72 devices. Echo clock signal output for
DQ[17:0] for FullFlex36 devices. Echo clock signal output for DQ[8:0] for FullFlex18 devices.
CQ0L
CQ0R
Inverted echo clock signal output for DQ[35:0] for FullFlex72 devices. Inverted echo clock
signal output for DQ[17:0] for FullFlex36 devices. Inverted echo clock signal output for DQ[8:0]
for FullFlex18 devices.
CQ1L
CQ1R
Echo clock signal output for DQ[71:36] for FullFlex72 devices. Echo clock signal output for
DQ[35:18] for FullFlex36 devices. Echo clock signal output for DQ[17:9] for FullFlex18 devices.
CQ1L
CQ1R
Inverted echo clock signal output for DQ[71:36] for FullFlex72 devices. Inverted echo clock
signal output for DQ[35:18] for FullFlex36 devices. Inverted echo clock signal output for DQ[17:9]
for FullFlex18 devices.
ZQ[1:0]L
ZQ[1:0]R
VIM output impedance matching input.[25] To use, connect a calibrating resistor between ZQ
and ground. The resistor must be five times larger than the intended line impedance driven by
the dual port. Assert HIGH or leave DNU to disable VIM.
OEL
OER
Output enable input. This asynchronous signal must be asserted LOW to enable the DQ data
pins during read operations.
INTL
INTR
Mailbox interrupt flag output. The mailbox permits communications between ports. The upper
two memory locations are used for message passing. INTL is asserted LOW when the right port
writes to the mailbox location of the left port, and vice versa. An interrupt to a port is deasserted
HIGH when it reads the contents of its mailbox.
LowSPDL
LowSPDR
Port low speed select input. Assert this pin LOW to disable the DLL. In flow through mode,
this pin needs to be asserted low.
Notes
20. For 18 Mbit x72 commercial configuration only, refer to Electrical Characteristics on page 19 for complete information.
21. SDR mode with two pipelined stages.
22. The CYD36S18V18 device has 21 address bits. The CYD36S36V18 and CYD18S18V18 devices have 20 address bits. The CYD36S72V18, CYD18S36V18, and
CYD09S18V18 devices have 19 address bits. The CYD18S72V18 and CYD09S36V18 devices have 18 address bits. The CYD09S72V18 device has 17 address
bits. The CYD02S36V18 has 16 address bits.
23. The FullFlex72 family of devices has 72 data lines. The FullFlex36 family of devices has 36 data lines. The FullFlex18 family of devices has 18 data lines.
24. The FullFlex72 family of devices has eight byte enables. The FullFlex36 family of devices has four byte enables. The FullFlex18 family of devices has two byte enables.
25. The pin ZQ[1] is applicable only for 36 Mbit devices. This pin is DNU for 18 Mbit and lower density devices.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com