Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 1 Page - Cypress Semiconductor

  FULLFLEX Datasheet HTML 1Page - Cypress Semiconductor FULLFLEX Datasheet HTML 2Page - Cypress Semiconductor FULLFLEX Datasheet HTML 3Page - Cypress Semiconductor FULLFLEX Datasheet HTML 4Page - Cypress Semiconductor FULLFLEX Datasheet HTML 5Page - Cypress Semiconductor FULLFLEX Datasheet HTML 6Page - Cypress Semiconductor FULLFLEX Datasheet HTML 7Page - Cypress Semiconductor FULLFLEX Datasheet HTML 8Page - Cypress Semiconductor FULLFLEX Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
FullFlex
FullFlexTM Synchronous SDR
Dual Port SRAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-06082 Rev. *K
Revised May 31, 2011
FullFlex™ Synchronous SDR Dual Port SRAM
Features
■ True dual port memory enables simultaneous access to the
shared array from each port
■ Synchronous pipelined operation with single data rate (SDR)
operation on each port
❐ SDR interface at 200 MHz
❐ Up to 28.8 Gb/s bandwidth (200 MHz × 72-bit × 2 ports)
■ Selectable pipelined or flow-through mode
■ 1.5 V or 1.8 V core power supply
■ Commercial and Industrial temperature
■ IEEE 1149.1 JTAG boundary scan
■ Available in 484-ball PBGA (× 72) and 256-ball FBGA (× 36
and × 18) packages
■ FullFlex72 family
❐ 36-Mbit: 512 K × 72 (CYD36S72V18)
❐ 18-Mbit: 256 K × 72 (CYD18S72V18)
❐ 9-Mbit: 128 K × 72 (CYD09S72V18)
■ FullFlex36 family
❐ 36-Mbit: 1 M × 36 (CYD36S36V18)
❐ 18-Mbit: 512 K × 36 (CYD18S36V18)
❐ 9-Mbit: 256 K × 36 (CYD09S36V18)
❐ 2-Mbit: 64 K × 36 (CYD02S36V18)
■ FullFlex18 family
❐ 36-Mbit: 2 M × 18 (CYD36S18V18)
❐ 18-Mbit: 1 M × 18 (CYD18S18V18)
❐ 9-Mbit: 512 K × 18 (CYD09S18V18)
■ Built in deterministic access control to manage address
collisions
❐ Deterministic flag output upon collision detection
❐ Collision detection on back-to-back clock cycles
❐ First busy address readback
■ Advanced features for improved high speed data transfer and
flexibility
❐ Variable impedance matching (VIM)
❐ Echo clocks
❐ Selectable LVTTL (3.3 V), Extended HSTL (1.4 V to 1.9 V),
1.8 V LVCMOS, or 2.5 V LVCMOS IO on each port
❐ Burst counters for sequential memory access
❐ Mailbox with interrupt flags for message passing
❐ Dual chip enables for easy depth expansion
Functional Description
The FullFlex™ dual port SRAM families consist of 2-Mbit, 9-Mbit,
18-Mbit, and 36-Mbit synchronous, true dual port static RAMs
that are high speed, low power 1.8 V or 1.5 V CMOS. Two ports
are provided, enabling simultaneous access to the array.
Simultaneous access to a location triggers deterministic access
control. For FullFlex72 these ports operate independently with
72-bit bus widths and each port is independently configured for
two pipelined stages. Each port is also configured to operate in
pipelined or flow through mode.
The advanced features include the following:
■ Built in deterministic access control to manage address
collisions during simultaneous access to the same memory
location
■ Variable Impedance Matching (VIM) to improve data
transmission by matching the output driver impedance to the
line impedance
■ Echo clocks to improve data transfer
To reduce the static power consumption, chip enables power
down the internal circuitry. The number of latency cycles before
a change in CE0 or CE1 enables or disables the databus
matches the number of cycles of read latency selected for the
device. For a valid write or read to occur, activate both chip
enable inputs on a port.
Each port contains an optional burst counter on the input address
register. After externally loading the counter with the initial
address, the counter increments the address internally.
Additional device features include a mask register and a mirror
register to control counter increments and wrap around. The
counter interrupt (CNTINT) flags notify the host that the counter
reaches maximum count value on the next clock cycle. The host
reads the burst counter internal address, mask register address,
and busy address on the address lines. The host also loads the
counter with the address stored in the mirror register by using the
retransmit functionality. Mailbox interrupt flags are used for
message passing, and JTAG boundary scan and asynchronous
Master Reset (MRST) are also available. The Logic Block
Diagram on page 2 shows these features.
The FullFlex72 is offered in a 484-ball plastic BGA package. The
FullFlex36 and FullFlex18 are available in 256-ball fine pitch
BGA package except the 36-Mbit devices which are offered in
484-ball plastic BGA package.
[+] Feedback


Similar Part No. - FULLFLEX

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUL SCHURTER-FUL Datasheet
522Kb / 3P
Caps to Holder FUL, FUP, FUA
FUL SCHURTER-FUL Datasheet
340Kb / 4P
FUL, Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap
FUL SCHURTER-FUL_V01 Datasheet
340Kb / 4P
FUL, Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap
More results

Similar Description - FULLFLEX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Samsung semiconductor
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
1Mx36 and 2Mx18 Synchronous SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Cypress Semiconductor
CYD09S18V18-167BBXI CYPRESS-CYD09S18V18-167BBXI Datasheet
755Kb / 53P
FullFlex Synchronous SDR Dual Port SRAM
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
Synchronous SRAM
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
Commercial, Industrial and Automotive Applications
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com