Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FULLFLEX Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # FULLFLEX
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FULLFLEX Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button FULLFLEX Datasheet HTML 9Page - Cypress Semiconductor FULLFLEX Datasheet HTML 10Page - Cypress Semiconductor FULLFLEX Datasheet HTML 11Page - Cypress Semiconductor FULLFLEX Datasheet HTML 12Page - Cypress Semiconductor FULLFLEX Datasheet HTML 13Page - Cypress Semiconductor FULLFLEX Datasheet HTML 14Page - Cypress Semiconductor FULLFLEX Datasheet HTML 15Page - Cypress Semiconductor FULLFLEX Datasheet HTML 16Page - Cypress Semiconductor FULLFLEX Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 13 of 52
Address Counter and Mask Register Operations [28]
Each port of the FullFlex family contains a programmable burst
address counter. The burst counter contains four registers: a
counter register, a mask register, a mirror register, and a busy
address register.
The counter register contains the address used to access the
RAM array. It is changed only by the master reset (MRST),
counter reset, counter load, retransmit, and counter increment
operations.
The mask register value affects the counter increment and
counter reset operations by preventing the corresponding bits of
the counter register from changing. It also affects the counter
interrupt output (CNTINT). The mask register is only changed by
mask reset, mask load, and MRST. The mask load operation
loads the value of the address bus into the mask register. The
mask register defines the counting range of the counter register.
The mask register is divided into two or three consecutive
regions. Zero or more 0s define the masked region and one or
more 1s define the unmasked portion of the counter register. The
counter register may be divided up to three regions. The region
containing the least significant bits must be no more than two 0s.
Bits one and zero may be 10 respectively, masking the least
significant counter bit and causing the counter to increment by
two instead of one. If bits one and zero are 00, the two least
significant bits are masked and the counter increments by four
instead of one. For example, in the case of a 256 K × 72
configuration, a mask register value of 003FC divides the mask
register into three regions. With bit 0 being the least significant
bit and bit 17 being the most significant bit, the two least
significant bits are masked, the next eight bits are unmasked,
and the remaining bits are masked.
The mirror register reloads a counter register on retransmit
operations (see Retransmit on page 15) and wrap functions (see
Counter Interrupt on page 15 below). The last value loaded into
the counter register is stored in the mirror register. The mirror
register is only changed by master reset (MRST), counter reset,
and counter load.
Table 7 on page 14 summarizes the operations of these registers
and the required input control signals. All signals except MRST
are synchronized to the ports clock.
Counter Load Operation [28]
For both non-burst and burst read or write accesses, the external
address is loaded through counter load operation as shown in
Table 7 on page 14. The address counter and mirror registers are
loaded with the address value presented on the address lines.
This value ranges from 0 to 1FFFFF.
Mask Load Operation [28]
The mask register is loaded with the address value presented on
the address bus. This value ranges from 0 to 1FFFFF though not
all values permit correct increment operations. Permitted values
are in the form of 2n–1, 2n–2, or 2n–4. The counter register is only
segmented up to three regions. From the most significant bit to
the least significant bit, permitted values have zero or more 0s,
one or more 1s, and the least significant two bits are 11, 10, or
00. Thus 1FFFFE, 07FFFF, and 003FFC are permitted values
but 02FFFF, 003FFA, and 07FFE4 are not.
Counter Readback Operation
The internal value of the counter register is read out on the
address lines. The address is valid tCA after the selected number
of latency cycles configured by FTSEL. The data bus (DQ) is
tri-stated on the cycle that the address is presented on the
address lines. Figure 7 on page 16 shows a block diagram of this
logic.
Mask Readback Operation
The internal value of the mask register is read out on the address
lines. The address is valid tCA after the selected number of
latency cycles configured by FTSEL. The data bus (DQ) is
tri-stated on the cycle that the address is presented on the
address lines. Figure 7 on page 16 shows a block diagram of the
operation.
Counter Reset Operation
All unmasked bits of the counter and mirror registers are reset to
‘0’. All masked bits remain unchanged. A mask reset followed by
a counter reset resets the counter and mirror registers to 00000.
Mask Reset Operation
The mask register is reset to all 1s, that unmasks every bit of the
burst counter.
Note
28. The CYD36S18V18 device has 21 address bits. The CYD36S36V18 and CYD18S18V18 devices have 20 address bits. The CYD36S72V18, CYD18S36V18, and
CYD09S18V18 devices have 19 address bits. The CYD18S72V18 and CYD09S36V18 devices have 18 address bits. The CYD09S72V18 device has 17 address bits.
The CYD02S36V18 has 16 address bits.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com