Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 9Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 10Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Typical Operating Characteristics (continued)
(VINA = 5V, VINB = 12V, measurements taken on “A” version, unless otherwise noted; VSH = 12V, VGH = 18V, VGL = -6V, VREG = 3.3V,
VOUTB = 5V, TA = +25NC, unless otherwise noted.)
LINE REGULATION (BOOST)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
5.5
ILOAD = 0mA
LOAD REGULATION (BOOST)
LOAD CURRENT (mA)
400
300
200
100
0
500
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
VINA = 3.3V
VINA = 5V
EFFICIENCY vs. LOAD CURRENT
(BOOST)
LOAD CURRENT (mA)
400
300
200
100
0
500
10
20
30
40
50
60
70
80
90
100
0
VINA = 3.3V
VINA = 5V
INA SHUTDOWN SUPPLY CURRENT
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
5.5
1
2
3
4
5
6
7
8
9
10
0
LOAD DUMP RESPONSE
MAX16929 toc09
VINB
20V/div
ILXB
2A/div
VOUTB
5V/div
100ms/div
42V
12V
SHORT-CIRCUIT BEHAVIOR (BUCK)
MAX16929 toc08
VOUTB
5V/div
ILXB
2A/div
VPGOOD
5V/div
100ms/div
LINE-TRANSIENT RESPONSE (BUCK)
MAX16929 toc07
VINB
10V/div
28V
12V
VOUTB
(AC-COUPLED)
50mV/div
1ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com