Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 22Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 23Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 24Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 23
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Total Power Dissipation
The total power dissipated in the package is the sum of
the losses previously calculated. Therefore, total power
dissipation can be estimated as follows:
PT = PLXB + PLXP + PGH + PGL + PREG
Achieve maximum heat transfer by connecting the exposed
pad to a thermal landing pad and connecting the thermal
landing pad to a large ground plane through thermal vias.
Layout Considerations
Careful PCB layout is critical in achieving stable and
optimized performance. Follow the following guidelines
for good PCB layout:
1) Place decoupling capacitors as close as possible to
the device. Connect the power ground planes and the
analog ground plane together at one point close to the
device.
2) Connect input and output capacitors to the power
ground planes; connect all other capacitors to the
analog ground plane.
3) Keep the high-current paths as short and wide as
possible. Keep the path of switching currents short.
4) Place the feedback resistors as close to the IC as
possible. Connect the negative end of the resistive
divider and the compensation network to the analog
ground plane.
5) Route the high-speed switching node LXB and LXP
away from sensitive analog nodes (FB, FBP, FBGH,
FBGL, FBB, and REF).
Refer to the MAX16929 Evaluation Kit data sheet for a
recommended PCB layout.
Ordering Information/Selector Guide
Note: All devices are specified over the -40°C to +105°C operating temperature range.
/V denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PART
REGULATOR
VREG (V)
BUCK
VOUTB (V)
BUCK
IOUTB (A)
BOOST
ILIM (A)
PIN-PACKAGE
MAX16929AGUI/V+
3.3
5
2
1.5
28 TSSOP-EP*
MAX16929BGUI/V+
1.8
5
2
1.5
28 TSSOP-EP*
MAX16929CGUI/V+
1.8
3.3
2
1.5
28 TSSOP-EP*
MAX16929DGUI/V+
3.3
5
2
0.75
28 TSSOP-EP*
MAX16929EGUI/V+
3.3
5
1.2
0.75
28 TSSOP-EP*
MAX16929FGUI/V+
1.8
5
2
0.75
28 TSSOP-EP*
MAX16929GGUI/V+
1.8
5
1.2
0.75
28 TSSOP-EP*
MAX16929HGUI/V+
1.8
3.3
2
0.75
28 TSSOP-EP*
MAX16929IGUI/V+
1.8
3.3
1.2
0.75
28 TSSOP-EP*
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
28 TSSOP-EP
U28ME+1
21-0108
90-0147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com