Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 9Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 10Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 11Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 12Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 13Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 14Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 15Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
the device’s built-in digital soft-start functions reduce the
number of external components required while control-
ling inrush currents. The output voltage can be set from
VINA to 18V with an external resistive voltage-divider.
The regulator controls the output voltage by modulat-
ing the duty cycle (D) of the internal power MOSFET in
each switching cycle. The duty cycle of the MOSFET is
approximated by:
IN
O
V
D =1
V
η
−
where VIN is the voltage at INA, VO = VSH (the boost
output voltage), and E is the efficiency of the boost con-
verter, as shown in the Typical Operating Characteristics.
Figure 1 shows the functional diagram of the boost
regulator. An error amplifier compares the signal at FBP
to 1V and changes the COMPV output. The voltage at
COMPV sets the peak inductor current. As the load var-
ies, the error amplifier sources or sinks current to the
COMPV output accordingly to produce the peak induc-
tor current necessary to service the load. To maintain
stability at high duty cycles, a slope-compensation sig-
nal (set by the capacitor at COMPI) is summed with the
current-sense signal. On the rising edge of the internal
clock, the controller turns on the n-channel MOSFET and
applies the input voltage across the inductor. The current
through the inductor ramps up linearly, storing energy in
its magnetic field. Once the sum of the current feedback
signal and the slope compensation exceeds the COMPV
voltage, the controller turns off the MOSFET. The inductor
current then flows through the diode to the output. The
MOSFET remains off for the rest of the clock cycle.
Figure 1. Boost Converter Functional Diagram
LOGIC AND
DRIVER
LXP
CLOCK
PGNDP
VLIMIT
FBP
COMPI
COMPV
ERROR
AMP
1V
0.85V
FAULT
COMPARATOR
TO FAULT LOGIC
2.2MHz
OSCILLATOR
PWM
COMPARATOR
ILIM
COMPARATOR
SOFT-
START
CURRENT
SENSE
SLOPE
COMP
Σ
MAX16929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com