Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 10Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 11Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 12Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 13Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 14Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 15Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 14
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
The external p-channel FET controlled by GATE protects
the output during fault conditions and provides True
Shutdown of the converter. Connect a pullup resistor
between GATE and INA (see the Boost Converter section
to select the value for the pullup resistor). Under normal
operation, GATE turns on the p-channel FET, connecting
the supply to the boost input. During a fault condition or
in shutdown, GATE is off and the pullup resistor turns off
the p-channel FET, disconnecting the supply from the
boost input.
Spread-Spectrum Modulation
The high-frequency 2.2MHz operation of the boost con-
verter keeps switching noise outside of the AM band. The
device achieves enhanced EMI performance by modu-
lating the switching frequency by Q4%. The modulating
signal is pseudorandom and changes each switching
period (i.e., fSS = 2.2MHz).
Startup
Immediately after power-up, coming out of shutdown,
or going into autoretry, the boost converter performs a
short-circuit detection test on the output by connecting
the input (INA) to the switching node (LXP) through an
internal 50I resistor.
If the resulting voltage on LXP exceeds 1.2V, the device
turns on the external pMOS switch by pulling GATE low.
The boost output ramps to its final value in 15ms.
An overloaded or shorted output is detected if the result-
ing voltage on LXP is below 1.2V. The external pMOS
switch remains off and the converter does not switch.
After the fault blanking period of 238ms, the device pulls
PGOOD low and starts the autoretry timer.
The short-circuit detection feature places a lower limit
on the output load of approximately 46I when the input
voltage is 3V.
Fault Conditions and PGOOD
PGOOD signals whether all the regulators and the boost
converter are operating normally. PGOOD is an open-
drain output that pulls low if any of the following faults
occur:
1) The boost output voltage falls below 85% of its set
value.
2) The positive-gate voltage regulator output (VGH) falls
below 85% of its set value.
3) The negative-gate voltage regulator output (VGL) falls
below 85% of its set value.
4) The LXP voltage is greater than 21V (typ).
5) The positive charge-pump voltage (VCP) is greater
than 30.5V (typ).
6) The 1.8V/3.3V regulator output voltage falls below
85% of its nominal value.
7) The buck output voltage falls below 92% of its nominal
value.
If any of the first three fault conditions persists for longer
than the 238ms fault blanking period, the device pulls
PGOOD low, turns off all outputs, and starts the autoretry
timer.
If either condition 4 or 5 occurs, the device pulls PGOOD
low and turns off all outputs immediately. The device initi-
ates startup only after the fault has cleared.
If condition 6 occurs, the device pulls PGOOD low, but
does not turn off any of the outputs.
During startup, PGOOD is masked and goes high as
soon as the 1.8V/3.3V regulator controller turns on. This
regulator turns on as soon as VINA exceeds the INA
undervoltage lockout threshold.
Autoretry
When the autoretry counter finishes incrementing after
1.9s, the device attempts to turn on the boost converter
and gate voltage regulators in the order shown in
Table 1. The device continues to autoretry as long as the
fault condition persists. A fault on the 1.8V/3.3V regulator
output causes PGOOD to go low, but does not result in
the device shutting down and going into autoretry.
Current Limit
The effective current limit of the boost converter is
reduced by the internally injected slope compensation by
an amount dependent on the duty cycle of the converter.
The effective current limit is given by:
-12
LIM(EFF)
LIM_DC_0
COMPI
D
I
=192 10
I
C
×
×
×
where ILIM(EFF) is the effective current limit, ILIM_DC_0 =
1.1A or 2.2A depending on the boost converter current-
limit option, D is the duty cycle of the boost converter,
and CCOMPI is the value of the capacitor at the COMPI
input. Estimate the duty cycle of the converter using the
formulas shown in the Design Procedure section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com