Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 22Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 23Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 24Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 22
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Boost Converter
Power dissipation in the boost converter is primarily due
to conduction and switching losses in the low-side FET.
Conduction loss is produced by the inductor current
flowing through the on-resistance of the FET during the
on-time. Switching loss occurs during switching transi-
tions and is a result of the finite time needed to fully turn
on and off the FET. Power dissipation in the boost con-
verter can be estimated with the following formula:
PLXP ≈ [(IIN(DC,MAX) × √D)2 × RDS_ON(LXP)] + VSH ×
IIN(DC,MAX) × fSW × [(tR-V + tF-I) + (tR-I + tF-V)]
where IIN(DC,MAX) is the maximum expected average
input (i.e., inductor) current, D is the duty cycle of the
boost converter, RDS_ON(LXP) is the on-resistance of
the internal low-side FET, VSH is the output voltage, and
fSW is the switching frequency of the boost converter.
RDS_ON(LXP) is 110mI (typ) and fSW is 2.2MHz.
The voltage and current rise and fall times at the LXP
node are equal to tR-V (voltage rise time), tF-V (voltage fall
time), tR-I (current rise time), and tF-I (current fall time),
and are determined as follows:
SH
SCHOTTKY
R-V
R-V
V
V
t
=
K
+
SH
SCHOTTKY
F-V
F-V
V
V
t
=
K
+
IN(DC,MAX)
R-I
R-I
I
t
=
K
IN(DC,MAX)
F-I
F-I
I
t
=
K
KR-V, KF-V, KR-I, and KF-I are the voltage and current
slew rates of the LXP node and are supply dependent.
Use Table 5 to determine their values.
Positive-Gate Voltage Regulator
Use the lowest number of charge-pump stages possible
in supplying power to the positive-gate voltage regulator.
Doing so minimizes the drain-source voltage of the inte-
grated pMOS switch and power dissipation. The power
dissipated in the switch is given as:
PGH = (VCP - VGH) × ILOAD(MAX)_GH
Ensure that the voltage on CP does not exceed the
CP overvoltage threshold as given in the Electrical
Characteristics table.
Negative-Gate Voltage Regulator
Use the lowest number of charge-pump stages possible
to provide the negative voltage to the negative-gate
voltage regulator. Estimate the power dissipated in the
negative-gate voltage regulator using the following:
PGL = (VINA + |VCN| - VBE) × IDRVN
where VBE is the base-emitter voltage of the external npn
bipolar transistor, and IDRVN is the current sourced from
DRVN to the RBE bias resistor and to the base of the
transistor, which is given by:
GL
BE
DRVN
BE
FE
I
V
I
=
R
h +1
+
1.8V/3.3V Regulator Controller
The power dissipated in the 1.8V/3.3V regulator controller
is given by:
PREG = (VINA - VOUT_REG - VBE) × IDR
where VOUT_REG = 1.8V or 3.3V, VBE is the base-emitter
voltage of the external npn bipolar transistor, and IDR is
the current sourced from DR to the base of the transistor.
IDR is given by:
LOAD
DR
FE
I
I
=
h
1
+
where ILOAD is load current of the 1.8V/3.3V regulator
controller, and hFE is the current gain of the transistor.
Table 5. LXP Voltage and Current Slew Rates vs. Supply Voltage
VINA (V)
LXP VOLTAGE AND CURRENT SLEW RATES
RISING VOLTAGE
SLEW RATE
KR-V (V/ns)
FALLING VOLTAGE
SLEW RATE
KF-V (V/ns)
RISING CURRENT
SLEW RATE
KR-I (A/ns)
FALLING CURRENT
SLEW RATE
KF-I (A/ns)
3.3
0.52
1.7
0.13
0.38
5
1.35
2
0.3
0.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com