Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 12Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 13Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 14Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 15Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 16
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Design Procedure
Buck Converter
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), induc-
tor saturation current (ISAT), and DC resistance (RDC).
To determine the inductance value, select the ratio of
inductor peak-to-peak ripple current to average output
current (LIR) first. For LIR values that are too high, the
RMS currents are high, and therefore I2R losses are high.
Use high-valued inductors to achieve low LIR values.
Typically, inductance is proportional to resistance for a
given package type, which again makes I2R losses high
for very low LIR values. A good compromise between
size and loss is to select a 30%-to-60% peak-to-peak
ripple current to average-current ratio. If extremely thin
high-resistance inductors are used, as is common for
LCD-panel applications, the best LIR can increase
between 0.5 and 1.0. The size of the inductor is deter-
mined as follows:
INB O
O
SWB
(V
-V ) D
L
and
LIR I
f
×
=
×
×
O
INB
V
D
V
=
η×
where VINB is the input voltage, VO is the output volt-
age, IO is the output current, E is the efficiency of the
buck converter, D is the duty cycle, and fSWB is 2.1MHz
(the switching frequency of the buck converter). The
efficiency of the buck converter can be estimated from
the Typical Operating Characteristics and accounts for
losses in the internal switch, catch diode, inductor RDC,
and capacitor ESR.
To ensure the buck converter does not shut down
during load dump input-voltage transients to 42V, an
inductor value larger than calculated above should be
used. Table 2 lists the minimum inductance that should
be used for proper operation during load dump. The
saturation current rating (ISAT) must be high enough to
ensure that saturation can occur only above the maxi-
mum current-limit value. Find a low-loss inductor having
the lowest possible DC resistance that fits in the allotted
dimensions.
Capacitor Selection
The input and output filter capacitors should be of a low-
ESR type (tantalum, ceramic, or low-ESR electrolytic) and
should have IRMS ratings greater than:
2
INB(RMS)
O
LIR
I
I
D (1-D
)
12
=
×
+
for the input capacitor
O
OUTB(RMS)
LIR I
I
12
×
=
for the output capacitor
where D is the duty cycle given above.
The output voltage contains a ripple component whose
peak-to-peak value depends on the value of the ESR
and capacitance of the output capacitor, and is approxi-
mately given by:
D
VRIPPLE = DVESR + DVCAP
D
VESR = LIR x IO x RESR
O
CAP
SWB
LIR I
V
8 C f
×
∆
=
× ×
Diode Selection
The catch diode should be a Schottky type to minimize
its voltage drop and maximize efficiency. The diode must
be capable of withstanding a reverse voltage of at least
the maximum input voltage in the application. The diode
should have an average forward current rating greater
than:
ID = IO × (1-D)
where D is the duty cycle given above. In addition, ensure
that the peak current rating of the diode is greater than:
OUTB
LIR
I
1
2
× +
Table 2. Minimum Buck Inductor Value
Required for Normal Operation During
Load Dump
BUCK VOUTB (V)
BUCK IOUTB (A)
LMIN (µH)
3.3
1.2
3.3
3.3
2
6.8
5
1.2
3.3
5
2
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com