Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 13Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 14Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 15Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 17
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Boost Converter
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), induc-
tor saturation current (ISAT), and DC resistance (RDC).
To determine the inductance value, select the ratio of
inductor peak-to-peak ripple current to average input
current (LIR) first. For LIR values that are too high, the
RMS currents are high, and therefore I2R losses are high.
Use high-valued inductors to achieve low LIR values.
Typically, inductance is proportional to resistance for a
given package type, which again makes I2R losses high
for very low LIR values. A good compromise between
size and loss is to select a 30%-to-60% peak-to-peak
ripple current to average-current ratio. If extremely thin
high-resistance inductors are used, as is common for
LCD-panel applications, the best LIR can increase
between 0.5 and 1.0. The size of the inductor is deter-
mined as follows:
O
O
INA
INP
INP
SW
INA
V
I
V
D
L =
and I
=
LIR I
f
V
×
×
×
×
η
INA
O
V
D =1
V
η
−
where VINA is the input voltage, VO is the output voltage,
IO is the output current, IINP is the average boost input
current, E is the efficiency of the boost converter, D is the
duty cycle, and fSW is 2.2MHz (the switching frequency
of the boost converter). The efficiency of the boost
converter can be estimated from the Typical Operating
Characteristics and accounts for losses in the internal
switch, catch diode, inductor RDC, and capacitor ESR.
Capacitor Selection
The input and output filter capacitors should be of a low-
ESR type (tantalum, ceramic, or low-ESR electrolytic) and
should have IRMS ratings greater than:
INP
RMS
LIR I
I
=
12
×
for the input capacitor
2
RMS
O
LIR
D +
12
I
=I
1 D
−
for the output capacitor
where IINP and D are the input current and duty cycle
given above.
The output voltage contains a ripple component whose
peak-to-peak value depends on the value of the ESR and
capacitance of the output capacitor and is approximately
given by:
D
VRIPPLE = DVESR + DVCAP
ESR
INP
ESR
LIR
V
=I
(1+
) R
2
∆
×
×
O
CAP
OUT SW
I
D
V
=
C
f
×
∆
×
where IINP and D are the input current and duty cycle
given above.
Rectifier Diode
The catch diode should be a Schottky type to minimize
its voltage drop and maximize efficiency. The diode must
be capable of withstanding a reverse voltage of at least
VSH. The diode should have an average forward current
rating greater than:
ID = IINP × (1-D)
where IINP and D are the input current and duty cycle
given above. In addition ensure that the peak current rat-
ing of the diode is greater than:
INP
LIR
I
1+
2
× 
Output-Voltage Selection
The output voltage of the boost converter can be adjust-
ed by using a resistive voltage-divider formed by RTOP
and RBOTTOM. Connect RTOP between the output and
FBP and connect RBOTTOM between FBP and GND.
Select RBOTTOM in the 10kI to 50kI range. Calculate
RTOP with the following equation:
O
TOP
BOTTOM
FBP
V
R
= R
(
1)
V
×
−
where VFBP, the boost converter’s feedback set point, is
1V. Place both resistors as close as possible to the device
and connect RBOTTOM to the analog ground plane.
Loop Compensation
Choose RCOMPV to set the high-frequency integrator
gain for fast transient response. Choose CCOMPV to set
the integrator zero to maintain loop stability. For low-ESR
output capacitors, use Table 3 to select the initial values
for RCOMPV and CCOMPV. Use a 22pF capacitor in paral-
lel with RCOMPV + CCOMPV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com