Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929BGUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16929BGUI Datasheet HTML 1Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 2Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
ELECTRICAL CHARACTERISTICS (continued)
(VINB = 12V, VINA = 5V, VGND = VPGNDP = 0V, TA = TJ = -40NC to +105NC, typical values are at TA = +25NC, unless otherwise noted.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Spread-Spectrum Factor
SSR
As a percentage of switching frequency,
fSW
Q
4
%
BOOST CONVERTER
Switching Frequency
fSW
1.98
2.20
2.42
MHz
Maximum Duty Cycle
82
93.5
%
LXP Current Limit
ILIM
Duty cycle = 70%,
CCOMPI = 220pF
Low boost current-
limit option
0.625
0.78
A
High boost current-
limit option
1.25
1.56
1.87
LXP On-Resistance
RDS_ON(LXP) ILXP = 200mA
110
250
mI
LXP Leakage Current
ILK_LXP
VLXP = 20V, TA =+25NC
8.5
20
F
A
Soft-Start Time
(Note 4)
30
ms
Output Voltage Range
VSH
VINA
18
V
FBP Regulation Voltage
VFBP
VINA = +3V to +5.5V,
0 < ILOAD < full load
TA = +25NC
0.985
1.0
1.015
V
TA= -40NC to +105NC
0.98
1.0
1.02
PGOOD Threshold
VPG_FBP
Measured at FBP
0.74
0.85
0.96
V
FBP Load Regulation
0 < ILOAD < full load
-1
%
FBP Line Regulation
VINA = +3V to +5.5V
0.1
%/V
FBP Input Bias Current
VFBP = +1V, TA = +25NC
Q
1
F
A
FBP to COMPV Transconductance
D
I = Q2.5FA at COMPV, TA = +25NC
400
F
S
POSITIVE-GATE VOLTAGE REGULATOR (GH)
Output Voltage Range
VGH
With external charge pump, TA = +25NC
(maximum VCP = 29.5V)
5
29
V
CP Overvoltage Threshold
TA = +25NC (Note 6)
29.5
30.5
V
FBGH Regulation Voltage
VFBGH
IGH = 1mA
0.98
1.0
1.034
V
PGOOD Threshold
VPG_FBGH Measured at FBGH
0.83
0.85
0.87
V
FBGH Load Regulation
IGH = 0 to 20mA
2
%
FBGH Line Regulation
VCP = 12V to 20V at VGH = 10V,
IGH = 10mA
2
%
FBGH Input Bias Current
VFBGH = 1V, TA = +25NC
Q
1
F
A
GH Output Current
IGH
VCP - VGH = 2V
20
mA
GH Current Limit
ILIM_GH
35
56
mA
GH Soft-Start Time
7.45
ms
NEGATIVE-GATE VOLTAGE REGULATOR (GL)
Output Voltage Range
VDRVN
-24
-2
V
FBGL Regulation Voltage
VFBGL
IDRVN = 100FA
0.212
0.242
0.271
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com