Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button C232HM Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 13Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
9
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
3.3 C232HM MPSSE Cable Electrical Parameters
3.3.1 C232HM-DDHSL-0 Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
Output Power Voltage
3.2
3.3
3.6
V
IO
Output Power Current
-
-
200
mA
T
Operating Temperature
Range
-40
+85
oC
Table 3.5 C232HM-DDHSL-0 Operating Parameters
3.3.2 C232HM-EDHSL-0 Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
Output Power Voltage
4.75
5
5.25
V
IO
Supply Current
-
-
200
mA
Must be less that 2.5mA
during suspend.
T
Operating Temperature
Range
-40
+85
oC
Table 3.6 C232HM-EDHSL-0 Power Supply Output Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com