Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button C232HM Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 13Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 14Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 15Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 16Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 17Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
15
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
Appendix A - Cable EEPROM Configuration
Each C232HM MPSSE cable is controlled by the FTDI FT232H IC. This FT232H device contains an EEPROM
which contains the USB configuration descriptors for that device. When the cable is plugged into a PC or
a USB reset is performed, the PC will read these descriptors. The default values stored into the internal
EEPROM are defined in the following table
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6014h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed into
the EEPROM during device final test.
Manufacturer Name
FTDI
Product Description
See note
Product description depends on the cable. The following
lists a the Product descriptions for each different cable.
C232HM-VSW3V3
C232HM-VSW5V0
Max Bus Power Current
500mA
Includes power available from the cable plus power
required for the FT232H
Power Source
Bus Powered
Device Type
FT232H
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is a USB 2.0 Hi-Speed device (480Mb/s).
Remote Wake Up
Disabled
500uA suspend limit when in this state
High Current I/Os
Enabled
Enables the high drive level on the CBUS I/O pins.
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Default Internal EEPROM Configuration
The internal EEPROM in the cable can be re-programmed over USB using the utility program FT_PROG.
Both can be downloaded from www.ftdichip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com