Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button C232HM Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
6
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
3 C232HM MPSSE Cable connection and Mechanical Details
The following Figure 3-1 shows the cable signals and the wire colours for these signals on the C232HM
MPSSE cable.
GND
TD0
VCC
GPIOL0
1
2
3
4
5
6
CABLE 0.5m
10
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
9
8
7
6
5
4
3
2
1
7
8
9
10
TCK
TDI
TMS
GPIOL1
GPIOL2
GPIOL3
GREY
PURPLE
BLUE
WHITE
Figure 3-1 C232HM MPSSE Cable Connections (numbers refer to pad numbers on the PCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com