Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 13Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 14Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
10
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
3.3.1 C232HM-DDHSL-0 and C232HM-EDHSL-0 I/O Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.40
3.14
V
Ioh = +/-2mA
I/O Drive strength* = 4mA
3.20
V
I/O Drive strength* = 8mA
3.22
V
I/O Drive strength* =
12mA
3.22
V
I/O Drive strength* =
16mA
Vol
Output Voltage Low
0.18
0.40
V
Iol = +/-2mA
I/O Drive strength* = 4mA
0.12
V
I/O Drive strength* = 8mA
0.08
V
I/O Drive strength* =
12mA
0.07
V
I/O Drive strength* =
16mA
Vil
Input low Switching
Threshold
-
0.80
V
LVTTL
Vih
Input High Switching
Threshold
2.00
-
V
LVTTL
Vt
Switching Threshold
1.50
V
LVTTL
Vt-
Schmitt trigger negative
going threshold voltage
0.80
1.10
-
V
Vt+
Schmitt trigger positive
going threshold voltage
1.60
2.00
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage Current
15
45
85
μA
Vin = 0
Ioz
Tri-state output leakage
current
±10
μA
Vin = 5.5V or 0
Table 3.7 C232HD-DDHSP-0 and C232HD-EDHSP-0 I/O Pin Characteristics
* The I/O drive strength and slow slew-rate are configurable in the EEPROM.
The I/O pins are +3.3v cells, which are +5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com