Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  C232HM Datasheet HTML 1Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 2Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
2
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
1.1 Available Cables and Part Numbers
The following Table 1.1 gives details of the available C232HM MPSSE cables.
Part Number
Description
End Connector
Cable details
C232HM-DDHSL-0
USB to MPSSE cable with +3.3V
digital level signals. Maximum
output of 200mA @ 3.3VDC on
VCC
(see Note 1)
Single pole,
receptacle x 10
10 core, UL2464 24 AWG,
diam=6.5mm
C232HM-EDHSL-0
USB to MPSSE cable with +3.3V
digital level signals. Maximum
output of 200mA @ 5.0VDC on
VCC
(see Note 2)
Single pole,
receptacle x 10
10 core, UL2464 24 AWG,
diam=6.5mm
Table 1.1 C232HM MPSSE Cable Descriptions and Part Numbers
Note 1: The VCC power output signal (RED wire) is 3.3V. The source of 3.3V is the onboard regulator output, which
is switched onto the power output signal.
Note 2: The VCC power output signal (RED wire) is 5.0V. The source of 5.0V is the USB VBUS input, which is
switched onto the power output signal.
FTDI supports customised end connector designs. For more information, please contact your local FTDI
sales office (see end of datasheet for contact details).
1.2 Certifications
The FTDI C232HM MPSSE cables are fully RoHS, FCC and CE compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com