Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  C232HM Datasheet HTML 1Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 2Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
1
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
1 Description
The USB 2.0 Hi-Speed to MPSSE cable contains a small internal electronic circuit board, utilising the
FTDI FT232H, which is encapsulated into the USB connector end of the cable, this handles all the USB
signalling and protocols. The cable provides a fast, simple way to connect devices with 3.3 Volt digital
interfaces to USB. For full details of the IC, consult the FT232H datasheet, this is available from
DS_FT232H.
The integrated FT232H device incorporates a command processor called the Multi-Protocol Synchronous
Serial Engine (MPSSE). The purpose of the MPSSE command processor is to communicate with devices
which use synchronous protocols (such as JTAG, SPI or I2C) in an efficient manner. Full details are
available in the MPSSE application note - AN_108.
The cable is terminated by ten individual wires with single pole connectors which can be interfaced to a
male header. Cable signals are compliant with CMOS logic at 3.3 volts.
The FT232H is a single channel USB 2.0 Hi-Speed (480Mb/s) to UART/FIFO IC. It can be configured in a
variety of industry standard serial or parallel interfaces, such as MPSSE - JTAG, SPI, I2C.
The C232HM MPSSE cable is easily configured into each interface e.g. JTAG, SPI, I2C via the application
software.
The cable is powered from a USB host port and is USB 2.0 Hi-Speed compatible. The cable is 0.5m long
and supports a data transfer up to 30Mbps in MPSSE mode.
The C232HM MPSSE cable requires USB device drivers, available free from http://www.ftdichip.com. The
D2XX driver is used with application software to directly access the FT232H in the cable though a DLL.
This is illustrated in the Figure 1-1
The C232HM MPSSE cable uses the FTDI’s FT232H USB to serial IC device.
Software application access to USB via D2XX
USB
API
10 Female pin
headers
Connector
C232HM
Figure 1-1 Using the C232HM MPSSE Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com