Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button C232HM Datasheet HTML 2Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
5
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
2.2 Features
Based on the Single chip USB Hi-Speed
FT232H device
USB 2.0 Hi-Speed (480Mbits/Second) and
Full Speed (12Mbits/Second) compatible
Entire USB protocol handled on the chip –
No USB-specific firmware programming
required
USB Type A connector for direct connection
to a host or hub
USB bus powered
Fully assisted hardware or X-On / X-Off
software handshaking
Synchronous Serial (MPSSE) data rates of
up to 30Mbps on JTAG, SPI and I2C
1kByte receive and transmit buffers for
high data throughput
Transmit and receive LED drive signals
Adjustable receive buffer timeout
Support for USB suspend and resume
Low operating and USB suspend current
Low USB bandwidth consumption
UHCI / OHCI / EHCI host controller
compatible
-40°C to +85°C operating temperature
range
Cable length is 0.5m (19.7 inch)
Custom versions also available (subject to
Minimum Order Quantity (MOQ))
FTDI’s royalty-free D2XX drivers eliminate
the requirement for USB driver
development in most cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com