Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HM Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # C232HM
Description  USB 2.0 Hi-Speed to MPSSE Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HM Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button C232HM Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HM Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright © 2011 Future Technology Devices International Limited
8
Document Reference No.: FT_000401
USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet
Version 1.0
Clearance No.: FTDI# 214
3.2 C232HM MPSSE Cable Signal Descriptions
Colour
Pin
Number
Name
Type
Description
Red
1
VCC
Output
Power Supply Output to target board.
Gray
6
GPIOL0
Input/Output
General Purpose input/output.
Purple
7
GPIOL1
Input/Output
General Purpose input/output.
White
8
GPIOL2
Input/Output
General Purpose input/output.
Blue
9
GPIOL3
Input/Output
General Purpose input/output.
Black
10
GND
GND
Device ground supply pin.
Table 3.1 Common Cable Signal Descriptions
Colour
Pin
Number
Name
Type
Description
Orange
2
TCK
Output
Test Interface Clock
Yellow
3
TDI
Input
Test Data Input
Green
4
TDO
Output
Test Data Output
Brown
5
TMS
Output
Test Mode Select
Table 3.2 MPSSE Option JTAG - Signal Descriptions
Colour
Pin
Number
Name
Type
Description
Orange
2
SK
Output
Serial Clock
Yellow
3
DO
Output
Serial data output
Green
4
DI
Input
Serial Data Input
Brown
5
CS
Output
Serial Chip Select
Table 3.3 MPSSE Option SPI - Signal Descriptions
Colour
Pin
Number
Name
Type
Description
Orange
2
SCL
Output
Serial Clock
Yellow
3
SDA
Input/Output
Serial data signal shorted together to create
bidirectional data(both yellow and green wires need to
be shorted together)
Green
4
Table 3.4 MPSSE Option I2C - Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com