Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1102 Datasheet HTML 1Page - NXP Semiconductors LPC1102 Datasheet HTML 2Page - NXP Semiconductors LPC1102 Datasheet HTML 3Page - NXP Semiconductors LPC1102 Datasheet HTML 4Page - NXP Semiconductors LPC1102 Datasheet HTML 5Page - NXP Semiconductors LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
2 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
Serial interfaces:
UART with fractional baud rate generation, internal FIFO, and RS-485 support.
One SPI controller with SSP features and with FIFO and multi-protocol capabilities
(see Section 7.16).
Clock generation:
12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
Programmable watchdog oscillator with a frequency range of 7.8 kHz to 1.8 MHz.
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from an external clock or the internal RC
oscillator.
Power control:
Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep and Deep-sleep modes.
Power profiles residing in boot ROM allowing to optimize performance and
minimize power consumption for any given application through one simple function
call.
Two reduced power modes: Sleep and Deep-sleep modes.
Processor wake-up from Deep-sleep mode via a dedicated start logic using up to
six of the functional pins.
Power-On Reset (POR).
Brownout detect with four separate thresholds for interrupt and forced reset.
Unique device serial number for identification.
Single 3.3 V power supply (1.8 V to 3.6 V).
Available as WLCSP16 package.
3.
Applications
4.
Ordering information
4.1 Ordering options
Mobile devices
8-/16-bit applications
Consumer peripherals
Portable devices
Lighting
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1102UK
WLCSP16
wafer level chip-size package; 16 bumps; 2.17
 2.32  0.6 mm
-
Table 2.
Ordering options
Type number
Flash
Total
SRAM
UART
RS-485
SPI
ADC
channels
Package
LPC1102UK
32 kB
8 kB
1
1
5
WLCSP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com