Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1102 Datasheet HTML 1Page - NXP Semiconductors LPC1102 Datasheet HTML 2Page - NXP Semiconductors LPC1102 Datasheet HTML 3Page - NXP Semiconductors LPC1102 Datasheet HTML 4Page - NXP Semiconductors LPC1102 Datasheet HTML 5Page - NXP Semiconductors LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
5 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
[1]
Pin state at reset for default function: I = Input; PU = internal pull-up enabled (pins pulled up to full VDD level (VDD = 3.3 V)).
[2]
5 V tolerant pad. See Figure 21 for the reset pad configuration.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 20).
[4]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled and the pin is not 5 V tolerant (see Figure 20).
[5]
When the external clock is not used, connect XTALIN as follows: XTALIN can be left floating or can be grounded (grounding is preferred
to reduce susceptibility to noise).
R/PIO1_0/
AD1/CT32B1_CAP0
B3[4]
yes
-
I; PU
R — Reserved.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
I-
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/
AD2/CT32B1_MAT0
C4[4]
no
-
I; PU
R — Reserved.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/
AD3/CT32B1_MAT1
C3[4]
no
-
I; PU
R — Reserved.
I/O
-
PIO1_2 — General purpose digital input/output pin.
I-
AD3 — A/D converter, input 3.
O-
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/AD4/
CT32B1_MAT2
D4[4]
no
I/O
I; PU
SWDIO — Serial wire debug input/output.
I/O
-
PIO1_3 — General purpose digital input/output pin.
I-
AD4 — A/D converter, input 4.
O-
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_6/RXD/
CT32B0_MAT0
C2[3]
no
I/O
I; PU
PIO1_6 — General purpose digital input/output pin.
I-
RXD — Receiver input for UART.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_7/TXD/
CT32B0_MAT1
D1[3]
no
I/O
I; PU
PIO1_7 — General purpose digital input/output pin.
O-
TXD — Transmitter output for UART.
O-
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
VDD
D2; A1 -
I
-
3.3 V supply voltage to the internal regulator, the external rail,
and the ADC. Also used as the ADC reference voltage.
XTALIN
B2[5]
-
I
-
External clock input and input to internal clock generator circuits.
Input voltage must not exceed 1.8 V.
VSS
D3; B1 -
I
-
Ground.
Table 3.
LPC1102 pin description table …continued
Symbol
Pin
Start
logic
input
Type
Reset
state[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com