Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1102 Datasheet HTML 1Page - NXP Semiconductors LPC1102 Datasheet HTML 2Page - NXP Semiconductors LPC1102 Datasheet HTML 3Page - NXP Semiconductors LPC1102 Datasheet HTML 4Page - NXP Semiconductors LPC1102 Datasheet HTML 5Page - NXP Semiconductors LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
4 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration WLCSP16 package
002aaf525
ball A1
index area
1234
A
B
C
D
LPC1102UK
Table 3.
LPC1102 pin description table
Symbol
Pin
Start
logic
input
Type
Reset
state[1]
Description
RESET/PIO0_0
C1[2]
yes
I
I; PU
RESET — External reset input with 20 ns glitch filter. A LOW
-going pulse as short as 50 ns on this pin resets the device,
causing I/O ports and peripherals to take on their default states,
and processor execution to begin at address 0.
I/O
-
PIO0_0 — General purpose digital input/output pin.
PIO0_8/MISO/
CT16B0_MAT0
A2[3]
yes
I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I/O
-
MISO0 — Master In Slave Out for SPI.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI/
CT16B0_MAT1
A3[3]
yes
I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI0 — Master Out Slave In for SPI.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
SWCLK/
PIO0_10/
SCK/CT16B0_MAT2
A4[3]
yes
I
I; PU
SWCLK — Serial wire clock.
I/O
-
PIO0_10 — General purpose digital input/output pin.
I/O
-
SCK — Serial clock for SPI.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
R/PIO0_11/
AD0/CT32B0_MAT3
B4[4]
yes
-
I; PU
R — Reserved.
I/O
-
PIO0_11 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
I-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com