Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 3Page - NXP Semiconductors LPC1102 Datasheet HTML 4Page - NXP Semiconductors LPC1102 Datasheet HTML 5Page - NXP Semiconductors LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors LPC1102 Datasheet HTML 10Page - NXP Semiconductors LPC1102 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
7 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
7.5 Nested Vectored Interrupt Controller (NVIC)
The Nested Vectored Interrupt Controller (NVIC) is an integral part of the Cortex-M0. The
tight coupling to the CPU allows for low interrupt latency and efficient processing of late
arriving interrupts.
7.5.1 Features
• Controls system exceptions and peripheral interrupts.
• In the LPC1102, the NVIC supports 19 vectored interrupts including up to 6 inputs to
the start logic from individual GPIO pins.
Fig 3.
LPC1102 memory map
0x5000 0000
0x5001 0000
0x5002 0000
0x5020 0000
AHB peripherals
127 - 16 reserved
GPIO PIO1
7-4
0x5003 0000
0x5004 0000
reserved
reserved
11-8
15-12
GPIO PIO0
3-0
APB peripherals
0x4000 4000
0x4000 8000
0x4000 C000
0x4001 0000
0x4001 8000
0x4002 0000
0x4002 8000
0x4003 8000
0x4003 C000
0x4004 0000
0x4004 4000
0x4004 8000
0x4004 C000
0x4005 8000
0x4005 C000
0x4008 0000
0x4002 4000
0x4001 C000
0x4001 4000
0x4000 0000
WDT
32-bit counter/timer 0
32-bit counter/timer 1
ADC
UART
PMU
reserved
13 - 10 reserved
reserved
reserved
21 - 19 reserved
31 - 23 reserved
0
1
2
3
4
5
6
7
8
9
16
15
14
17
18
reserved
reserved
reserved
0x0000 0000
0 GB
0.5 GB
4 GB
1 GB
0x1000 2000
0x1FFF 0000
0x1FFF 4000
0x2000 0000
0x4000 0000
0x4008 0000
0x5000 0000
0x5020 0000
0xFFFF FFFF
reserved
reserved
reserved
APB peripherals
AHB peripherals
8 kB SRAM
0x1000 0000
LPC1102
0x0000 8000
32 kB on-chip flash
16 kB boot ROM
0x0000 0000
0x0000 00C0
active interrupt vectors
002aaf526
reserved
SPI
16-bit counter/timer 1
16-bit counter/timer 0
IOCONFIG
system control
22
reserved
flash controller
0xE000 0000
0xE010 0000
private peripheral bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com