Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 31Page - NXP Semiconductors LPC1102 Datasheet HTML 32Page - NXP Semiconductors LPC1102 Datasheet HTML 33Page - NXP Semiconductors LPC1102 Datasheet HTML 34Page - NXP Semiconductors LPC1102 Datasheet HTML 35Page - NXP Semiconductors LPC1102 Datasheet HTML 36Page - NXP Semiconductors LPC1102 Datasheet HTML 37Page - NXP Semiconductors LPC1102 Datasheet HTML 38Page - NXP Semiconductors LPC1102 Datasheet HTML 39Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
36 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
14. Revision history
Table 16.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC1102 v.4
20110624
Product data sheet
-
LPC1102 v.3
Modifications:
• ADC sampling frequency corrected in Table 6 (Table note 7).
• Parameter Tcy(clk) corrected on Table 14.
• Windowed WDT features added (Section 7.13).
• Programmable open-drain mode added to GPIO pins (Section 7.7).
• Pull-up level specified in Table 3, Table note 1 and Section 7.7.
• Condition for parameter Tstg in Table 4 updated.
• Table note 4 of Table 4 updated.
LPC1102 v.3
20110418
Product data sheet
-
LPC1102 v.2
Modifications:
• Changed data sheet status to Product.
• Power consumption data added (see Figure 6 to Figure 9).
• Section 10.1 “Power-up ramp conditions” added.
• Reset pad description updated (5 V tolerant) in Table 3.
• IRC frequency data added (see Figure 16 “Internal RC oscillator frequency versus
temperature”.
• Clock output removed from feature list.
LPC1102 v.2
20101126
Preliminary data sheet -
LPC1102 v.1
Modifications:
• Changed data sheet status to Preliminary.
LPC1102 v.1
20101116
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com