Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 9Page - NXP Semiconductors LPC1102 Datasheet HTML 10Page - NXP Semiconductors LPC1102 Datasheet HTML 11Page - NXP Semiconductors LPC1102 Datasheet HTML 12Page - NXP Semiconductors LPC1102 Datasheet HTML 13Page - NXP Semiconductors LPC1102 Datasheet HTML 14Page - NXP Semiconductors LPC1102 Datasheet HTML 15Page - NXP Semiconductors LPC1102 Datasheet HTML 16Page - NXP Semiconductors LPC1102 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
13 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
following a chip reset and may be enabled by software. The program must configure and
activate the PLL, wait for the PLL to lock, and then connect to the PLL as a clock source.
The PLL settling time is 100
s.
7.14.3 Wake-up process
The LPC1102 begins operation at power-up by using the 12 MHz IRC oscillator as the
clock source. This allows chip operation to resume quickly. If an external clock or the PLL
is needed by the application, software will need to enable these features and wait for them
to stabilize before they are used as a clock source.
7.14.4 Power control
The LPC1102 supports a variety of power control features. There are two special modes
of processor power reduction: Sleep mode and Deep-sleep mode. The CPU clock rate
may also be controlled as needed by changing clock sources, reconfiguring PLL values,
and/or altering the CPU clock divider value. This allows a trade-off of power versus
processing speed based on application requirements. In addition, a register is provided for
shutting down the clocks to individual on-chip peripherals, allowing fine tuning of power
consumption by eliminating all dynamic power use in any peripherals that are not required
for the application. Selected peripherals have their own clock divider which provides even
better power control.
7.14.4.1
Power profiles
The power consumption in Active and Sleep modes can be optimized for the application
through a simple call to the power profiles. The power configuration routine configures the
LPC1102 for one of the following power modes:
• Default mode corresponding to power configuration after reset.
• CPU performance mode corresponding to optimized processing capability.
• Efficiency mode corresponding to optimized balance of current consumption and CPU
performance.
• Low-current mode corresponding to lowest power consumption.
In addition, the power profiles includes a routine to select the optimal PLL settings for a
given system clock and PLL input clock.
7.14.4.2
Sleep mode
When Sleep mode is entered, the clock to the core is stopped. Resumption from the Sleep
mode does not need any special sequence but re-enabling the clock to the ARM core.
In Sleep mode, execution of instructions is suspended until either a reset or interrupt
occurs. Peripheral functions continue operation during Sleep mode and may generate
interrupts to cause the processor to resume execution. Sleep mode eliminates dynamic
power used by the processor itself, memory systems and related controllers, and internal
buses.
7.14.4.3
Deep-sleep mode
In Deep-sleep mode, the chip is in Sleep mode, and in addition all analog blocks are shut
down except for the watchdog oscillator and the BOD circuit, which can be configured to
remain running in Deep-sleep mode to allow a reset initiated by a timer or BOD event.
Deep-sleep mode allows for additional power savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com