Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 24Page - NXP Semiconductors LPC1102 Datasheet HTML 25Page - NXP Semiconductors LPC1102 Datasheet HTML 26Page - NXP Semiconductors LPC1102 Datasheet HTML 27Page - NXP Semiconductors LPC1102 Datasheet HTML 28Page - NXP Semiconductors LPC1102 Datasheet HTML 29Page - NXP Semiconductors LPC1102 Datasheet HTML 30Page - NXP Semiconductors LPC1102 Datasheet HTML 31Page - NXP Semiconductors LPC1102 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
28 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
10.4 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
The typical frequency spread over processing and temperature (Tamb = 40 C to +85 C) is 40 %.
[3]
See the LPC1102 user manual.
Table 11.
Dynamic characteristic: internal oscillators
Tamb = 40 C to +85 C; 2.7 V VDD 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator frequency -
11.88
12
12.12
MHz
Conditions: Frequency values are typical values. 12 MHz
 1 % accuracy is guaranteed for
2.7 V
 V
DD  3.6 V and Tamb = 40 C to +85 C. Variations between parts may cause the IRC to
fall outside the 12 MHz
 1 % accuracy specification for voltages below 2.7 V.
Fig 16. Internal RC oscillator frequency versus temperature
Table 12.
Dynamic characteristics: Watchdog oscillator
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(int)
internal oscillator
frequency
DIVSEL = 0x1F, FREQSEL = 0x1
in the WDTOSCCTRL register;
[2][3] -7.8
-
kHz
DIVSEL = 0x00, FREQSEL = 0xF
in the WDTOSCCTRL register
[2][3] -
1700
-
kHz
002aaf403
11.95
12.05
12.15
f
(MHz)
11.85
temperature (
°C)
−40
85
35
10
60
−15
VDD = 3.6 V
3.3 V
3.0 V
2.7 V
2.4 V
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com