Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors LPC1102 Datasheet HTML 10Page - NXP Semiconductors LPC1102 Datasheet HTML 11Page - NXP Semiconductors LPC1102 Datasheet HTML 12Page - NXP Semiconductors LPC1102 Datasheet HTML 13Page - NXP Semiconductors LPC1102 Datasheet HTML 14Page - NXP Semiconductors LPC1102 Datasheet HTML 15Page - NXP Semiconductors LPC1102 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
12 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
7.14.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
PLL and subsequently the CPU. The nominal IRC frequency is 12 MHz. The IRC is
trimmed to 1 % accuracy over the entire voltage and temperature range.
Upon power-up or any chip reset, the LPC1102 uses the IRC as the clock source.
Software may later switch to one of the other available clock sources.
7.14.1.2
Watchdog oscillator
The watchdog oscillator can be used as a clock source that directly drives the CPU or the
watchdog timer. The watchdog oscillator nominal frequency is programmable between 7.8
kHz and 1.7 MHz. The frequency spread over processing and temperature is
40 %.
7.14.2 System PLL
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The input
frequency is multiplied up to a high frequency with a Current Controlled Oscillator (CCO).
The multiplier can be an integer value from 1 to 32. The CCO operates in the range of
156 MHz to 320 MHz, so there is an additional divider in the loop to keep the CCO within
its frequency range while the PLL is providing the desired output frequency. The PLL
output frequency must be lower than 100 MHz. The output divider may be set to divide by
2, 4, 8, or 16 to produce the output clock. Since the minimum output divider value is 2, it is
insured that the PLL output has a 50 % duty cycle. The PLL is turned off and bypassed
Fig 4.
LPC1102 clock generation block diagram
SYSTEM PLL
IRC oscillator
external clock
watchdog oscillator
IRC oscillator
watchdog oscillator
MAINCLKSEL
(main clock select)
SYSPLLCLKSEL
(system PLL clock select)
SYSTEM CLOCK
DIVIDER
AHB clock 0
(system)
AHBCLKCTRL[1:18]
(AHB clock enable)
AHB clocks 1 to 18
(memories
and peripherals)
SPI0 PERIPHERAL
CLOCK DIVIDER
SPI0
UART PERIPHERAL
CLOCK DIVIDER
UART
WDT CLOCK
DIVIDER
WDT
WDTUEN
(WDT clock update enable)
002aaf527
main clock
system clock
IRC oscillator
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com