Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 17Page - Dallas Semiconductor DS89C430 Datasheet HTML 18Page - Dallas Semiconductor DS89C430 Datasheet HTML 19Page - Dallas Semiconductor DS89C430 Datasheet HTML 20Page - Dallas Semiconductor DS89C430 Datasheet HTML 21Page - Dallas Semiconductor DS89C430 Datasheet HTML 22Page - Dallas Semiconductor DS89C430 Datasheet HTML 23Page - Dallas Semiconductor DS89C430 Datasheet HTML 24Page - Dallas Semiconductor DS89C430 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
21 of 46
Program Memory Access
On-chip program memory begins at address 0000h and is contiguous through 3FFFh (16kB) on the DS89C430 and
through FFFFh (64kB) on the DS89C450. Exceeding the maximum address of on-chip program memory causes
the device to access off-chip memory. The maximum on-chip decoded address is selectable by software using the
ROMSIZE feature. Software can cause the DS89C430 to behave like a device with less on-chip memory. This is
beneficial when overlapping external memory is used. The maximum memory size is dynamically variable. Thus a
portion of memory can be removed from the memory map to access off-chip memory and then be restored to
access on-chip memory. In fact, all the on-chip memory can be removed from the memory map allowing the full
64kB memory space to be addressed from off-chip memory. Program memory addresses that are larger than the
selected maximum are automatically fetched from outside the part through ports 0 and 2. Figure 6 shows a
depiction of the memory map.
The ROMSIZE register is used to select the maximum on-chip decoded address for program memory. Bits RMS2,
RMS1, and RMS0 have the following effect:
RMS2
RMS1
RMS0
Maximum On-Chip Program Memory Address
(Size/Address)
0
0
0
0kB
0
0
1
1kB/03FFh
0
1
0
2kB/07FFh
0
1
1
4kB/0FFFh
1
0
0
8kB/1FFFh
1
0
1
16kB/3FFFh (DS89C430 default)
1
1
0
32kB/7FFFh
1
1
1
64kB/FFFFh (DS89C450 default)
The reset default condition for all devices is to their maximum on-chip program memory size. When accessing
external program memory, that amount of external memory would be inaccessible. To select a smaller effective
program memory size, software must alter bits RMS2–RMS0. Altering these bits requires a timed-access
procedure, as explained later.
Care should be taken so that changing the ROMSIZE register does not corrupt program execution. For example,
assume that a DS89C430 is executing instructions from internal program memory near the 12kB boundary
(~3000h) and that the ROMSIZE register is currently configured for a 16kB internal program space. If software
reconfigures the ROMSIZE register to 4kB (0000h–0FFFh) in the current state, the device immediately jumps to
external program execution because program code from 4kB to 16kB (1000h–3FFFh) is no longer located on-chip.
This could result in code misalignment and execution of an invalid instruction. The recommended method is to
modify the ROMSIZE register from a location in memory that is internal (or external) both before and after the
operation. In the above example, the instruction that modifies the ROMSIZE register should be located below the
4kB (1000h) boundary or above the 16kB (3FFFh) boundary so that it is unaffected by the memory modification.
The same precaution should be applied if the internal program memory size is modified while executing from
external program memory.
For nonpage mode operations, off-chip memory is accessed using the multiplexed address/data bus on P0 and the
MSB address on P2. While serving as a memory bus, these pins are not I/O ports. This convention follows the
standard 8051 method of expanding on-chip memory. Off-chip program memory access also occurs if the
EA pin is
a logic 0.
EA overrides all ROMSIZE bit settings. The PSEN signal goes active (low) to serve as a chip enable or
output enable when ports 0 and 2 fetch from external program memory.
The
RD and WR signals are used to control the external data memory device. Data memory is accessed by MOVX
instructions. The MOVX@Ri instruction uses the value in the designated working register to provide the LSB of the
address, while port 2 supplies the address MSB. The MOVX@DPTR instruction uses one of the two data pointers
to move data over the entire 64kB external data memory space. Software selects the data pointer used by writing
to the SEL bit (DPS.0).
The DS89C430 also provides a user option for high-speed external memory access by reconfiguring the external
memory interface into page mode operation.
Note: When using the original 8051 expanded bus structure, the throughput is reduced by 75% compared with that
of internal operations. This is because of the CPU being stalled for three out of four clocks, waiting for the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com