Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 21Page - Dallas Semiconductor DS89C430 Datasheet HTML 22Page - Dallas Semiconductor DS89C430 Datasheet HTML 23Page - Dallas Semiconductor DS89C430 Datasheet HTML 24Page - Dallas Semiconductor DS89C430 Datasheet HTML 25Page - Dallas Semiconductor DS89C430 Datasheet HTML 26Page - Dallas Semiconductor DS89C430 Datasheet HTML 27Page - Dallas Semiconductor DS89C430 Datasheet HTML 28Page - Dallas Semiconductor DS89C430 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
25 of 46
ROM Loader
The full on-chip flash program memory space, security flash block, and external SRAM can be programmed in-
system from an external source through serial port 0 under the control of a built-in ROM loader. The ROM loader
also has an auto-baud feature that determines which baud-rate frequencies are being used for communication and
sets the baud-rate generator for that speed.
When the DS89C430 is powered up and has entered its user operating mode, the ROM loader mode can be
invoked at any time by forcing RST = 1,
EA = 0, and PSEN = 0. It remains in effect until power-down or when the
condition (RST = 1 and
PSEN = EA = 0) is removed. Entering the ROM loader mode forces the processor to start
fetching from the 2kB internal ROM for program memory initialization and other loader functions.
The read/write accessibility is determined by the state of the lock bits, which can be verified directly by the ROM
loader.
The flash memory can be programmed (by the built-in ROM loader) using commands that are received over the
serial interface from a host PC. Full details of the ROM loader commands are given in the Ultra-High-Speed Flash
Microcontroller User’s Guide. Host software to communicate with the ROM loader is available in Windows® format
as well as other platforms. Contact our technical support department at www.maxim-ic.com/support for more
information.
Parallel Programming Mode
The microcontroller also supports a programming mode such as that used by commercial device programmers.
This mode is of little utility in normal applications and is only used by commercial device programmers. For
information on this mode, contact our technical support department.
Data Pointer Increment/Decrement and Options
The DS89C430 incorporates a hardware feature to assist applications that require data pointer increment/
decrement. Data pointer increment/decrement bits ID0 and ID1 (DPS.6 and DPS.7) define how the INC DPTR
instruction functions in relation to the active DPTR (selected by the SEL bit). Setting ID0 = 1 and SEL = 0 enables
the decrement operation for DPTR, and execution of the INC DPTR instruction decrements the DPTR contents
by 1. Similarly, setting ID1 = 1 and SEL = 1 enables the decrement operation for DPTR1, and execution of the INC
DPTR instruction decrements the DPTR1 contents by 1. With this feature, the user can configure the data pointers
to operate in four ways for the INC DPTR instruction:
ID1
ID0
SEL = 0
SEL = 1
0
0
INC DPTR
INC DPTR1
0
1
DEC DPTR
INC DPTR1
1
0
INC DPTR
DEC DPTR1
1
1
DEC DPTR
DEC DPTR1
SEL (DPS.0) bit always selects the active data pointer. The DS89C430 offers a programmable option that allows
any instructions related to data pointer to toggle the SEL bit automatically. This option is enabled by setting the
toggle-select-enable bit (TSL–DPS.5) to a logic 1. Once enabled, the SEL bit is automatically toggled after the
execution of one of the following five DPTR-related instructions:
INC DPTR
MOV DPTR #data16
MOVC A, @A+DPTR
MOVX A, @DPTR
MOVX @DPTR, A
The DS89C430 also offers a programmable option that automatically increases (or decreases) the contents of the
selected data pointer by 1 after the execution of a DPTR-related instruction. The actual function (increment or
decrement) is dependent on the setting of the ID1 and ID0 bits. This option is enabled by setting the automatic
increment/decrement enable (AID–DPS.4) to a logic 1 and is affected by the following three instructions:
MOVC A, @A+DPTR
MOVX A, @DPTR
MOVX @DPTR, A
Windows is a registered trademark of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com