Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 29Page - Dallas Semiconductor DS89C430 Datasheet HTML 30Page - Dallas Semiconductor DS89C430 Datasheet HTML 31Page - Dallas Semiconductor DS89C430 Datasheet HTML 32Page - Dallas Semiconductor DS89C430 Datasheet HTML 33Page - Dallas Semiconductor DS89C430 Datasheet HTML 34Page - Dallas Semiconductor DS89C430 Datasheet HTML 35Page - Dallas Semiconductor DS89C430 Datasheet HTML 36Page - Dallas Semiconductor DS89C430 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
33 of 46
Table 10. Page Mode 2, Data Memory Cycle Stretch Values (PAGES1:PAGES0 = 11)
RD/WR PULSE WIDTH (IN NUMBER OF OSCILLATOR CLOCKS)
MD2:MD0
STRETCH
CYCLES
4X/
2X, CD1,
CD0 = 100
4X/
2X, CD1,
CD0 = 000
4X/
2X, CD1,
CD0 = X10
4X/
2X, CD1,
CD0 = X11
000
0
0.5
1
2
2048
001
1
1
2
4
4096
010
2
2
4
8
8192
011
3
3
6
12
12,288
100
7
4
8
16
16,384
101
8
5
10
20
20,480
110
9
6
12
24
24,576
111
10
7
14
28
28,672
As shown in the previous tables, the stretch feature supports eight stretched external data-memory access options,
which can be categorized into three timing groups. When the stretch value is cleared to 000b, there is no stretch on
external data memory access, and a MOVX instruction is completed in two basic memory cycles. When the stretch
value is set to 1, 2, or 3, the external data memory access is extended by 1, 2, or 3 stretch memory cycles,
respectively. Note that the first stretch value does not result in adding four system clocks to the control signals. This
is because the first stretch uses one system clock to create additional address setup and data bus float time and
one system clock to create additional address and data hold time. When using very slow RAM and peripherals, a
larger stretch value (4–7) can be selected. In this stretch category, two stretch cycles are used to create additional
setup (the ALE pulse width is also stretched by one stretch cycle for page miss) and one stretch cycle is used to
create additional hold time. The following timing diagrams illustrate the external data memory access at divide-by-1
system clock mode (CD1:CD0 = 10b).
Figure 12 illustrates the external data-memory stretch-cycle timing relationship when PAGEE = 1 and
PAGES1:PAGES0 = 01. The stretch cycle shown is for a stretch value of 1 and is coincident with a page miss.
Note that the first stretch value does not result in adding four system clocks to the
RD/WR control signals. This is
because the first stretch uses one system clock to create additional setup and one system clock to create
additional hold time.
Figure 13 shows the timing relationship for a slow peripheral interface (stretch value = 4). Note that a page hit data
memory cycle is shorter than a page miss data memory cycle. The ALE pulse width is also stretched by a stretch
cycle in the case of a page miss.
The stretched data memory bus cycle timing relationship for PAGES = 11 is identical to nonpage mode operation
since the basic data memory cycle always contains four system clocks in this page mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com