Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 18Page - Dallas Semiconductor DS89C430 Datasheet HTML 19Page - Dallas Semiconductor DS89C430 Datasheet HTML 20Page - Dallas Semiconductor DS89C430 Datasheet HTML 21Page - Dallas Semiconductor DS89C430 Datasheet HTML 22Page - Dallas Semiconductor DS89C430 Datasheet HTML 23Page - Dallas Semiconductor DS89C430 Datasheet HTML 24Page - Dallas Semiconductor DS89C430 Datasheet HTML 25Page - Dallas Semiconductor DS89C430 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
22 of 46
fetch that takes four clocks. Page mode 1 is the only external addressing mode where the CPU does not require
stalls for external memory access, but page misses result in reduced external access performance.
On-Chip Program Memory
The processor can fetch the entire on-chip program memory range automatically. By default, the reset routines and
all interrupt vectors are located in the lower 128 bytes of the on-chip program memory.
On-chip program memory is logically divided into pairs of 8kB, 16kB, or 32kB flash memory banks to support in-
application programming. The upper block of the on-chip program memory is designed to be programmed in-
application with the standard 5V VCC supply under the control of the user software or by using a built-in program
memory loader. It can also be programmed in standard flash or EPROM programmers. The DS89C430
incorporates a memory management unit (MMU) and other hardware to support any of the three programming
methods. The MMU controls program and data memory access, and provides sequencing and timing controls for
programming of the on-chip program memory. A separate security flash block supports a three-level lock, a 64-byte
encryption array, and other flash options.
Security Features
The DS89C430 incorporates a 64-byte encryption array, allowing the user to verify program codes while viewing
the data in encrypted form. The encryption array is implemented in a security flash memory block that has the
same electrical and timing characteristics as the on-chip program memory. Once the encryption array is
programmed to non-FFh, the data presented in the verify mode is encrypted. Each byte of data is XNORed with a
byte in the encryption array during verification.
A three-level lock restricts viewing of the internal program and data memory contents. By programming the three
lock bits, the user can select a level of security as specified in Table 3. The protection levels function differently
than those in a traditional 8051 microcontroller, and should not be used while executing external code.
Once a security level is selected and programmed, the setting of the lock bits remains. Only a mass erase can
erase these bits and allow reprogramming the security level to a less restricted protection.
Table 3. Flash Memory Lock Bits
LEVEL
LB1
LB2
LB3
PROTECTION
1
1
1
1
No program lock. Encrypted verify if encryption array is programmed. Do
not execute external program code while operating at this security level.
2
0
1
1
Prevent MOVC in external memory from reading program code in internal
memory.
EA is sampled and latched on reset. Allow no further parallel or
program memory loader programming. Do not execute external program
code while operating at this security level.
3
X
0
1
Level 2 plus no verify operation. Also prevent MOVX in external memory
from reading internal SRAM. Do not execute external program code while
operating at this security level.
4
X
X
0
Level 3 plus no external execution.
The DS89C430 provides user-selectable options that must be set before beginning software execution. The option
control register uses flash bits rather than SFRs, and is individually erasable and programmable as a byte-wide
register. Bit 3 of this register is defined as the watchdog POR. Setting this bit to 1 disables the watchdog reset
function on power-up. Clearing this bit to 0 enables the watchdog reset function automatically. Other bits of this
register are undefined and are at logic 1 when read. The value of this register can be read at address FCh in
parallel programming mode or executing a verify-option-control register instruction in ROM loader mode or in-
application programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com