Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 33Page - Dallas Semiconductor DS89C430 Datasheet HTML 34Page - Dallas Semiconductor DS89C430 Datasheet HTML 35Page - Dallas Semiconductor DS89C430 Datasheet HTML 36Page - Dallas Semiconductor DS89C430 Datasheet HTML 37Page - Dallas Semiconductor DS89C430 Datasheet HTML 38Page - Dallas Semiconductor DS89C430 Datasheet HTML 39Page - Dallas Semiconductor DS89C430 Datasheet HTML 40Page - Dallas Semiconductor DS89C430 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
37 of 46
Timer/Counters
The DS89C430 incorporates three 16-bit timers. All three timers can be used as either counters of external events,
where 1-to-0 transitions on a port pin are monitored and counted, or timers that count oscillator cycles. Table 12
summarizes the timer functions.
Timers 0 and 1 both have three modes of operations. They can each be used as a 13-bit timer/counter, a 16-bit
timer/counter, or an 8-bit timer/counter with autoreload. Timer 0 has a fourth operating mode as two 8-bit
timer/counters without autoreload. Each timer can also be used as a counter of external pulses on the
corresponding T0/T1 pin for 1-to-0 transitions. The timer mode (TMOD) register controls the mode of operation.
Each timer consists of a 16-bit register in 2 bytes, which can be found in the SFR map as TL0, TH0, TL1, and TH1.
The timer control (TCON) register enables timers 0 and 1.
Table 12. Timer Functions
FUNCTIONS
TIMER 0
TIMER 1
TIMER 2
Timer/Counter
13/16/8*/2x8 bit
13/16/8* bit
16 bit
Timer with Capture
No
No
Yes
External Control Pulse Counter
Yes
Yes
No
Up/Down Autoreload Timer/Counter
No
No
Yes
Baud Rate Generator
No
Yes
Yes
Timer Output Clock Generator
No
No
Yes
*8-bit timer/counter includes autoreload feature. 2x8-bit mode does not.
Each timer has a selectable time base (Table 14). Following a reset, the timers default to divide by 12 to maintain
drop-in compatibility with the 8051. If timer 2 is used as a baud rate generator or clock output, its time base is fixed
at divide by 2, regardless of the setting of its timer mode bits.
Timer 2 is a true 16-bit timer/counter that, with a 16-bit capture (RCAP2L and RCAP2H) register, is able to provide
some unique functions like up/down autoreload timer/counter and timer output-clock generation. Timer 2 (registers
TL2 and TH2) is enabled by the T2CON register. Its mode of operation is selected by the T2MOD register.
For operation details, refer to Section 11: Programmable Timers in the Ultra-High-Speed Flash Microcontroller
User’s Guide.
Timed Access
The timed-access function prevents an errant CPU from making accidental changes to certain SFR bits that are
considered vital to proper system operation. This is achieved by using software control when accessing the
following SFR control bits:
SFR
BIT
FUNCTION
WDCON.0
RWT
Reset Watchdog Timer
WDCON.1
EWT
Watchdog Reset Enable
WDCON.3
WDIF
Watchdog Interrupt Flag
WDCON.6
POR
Power-On Reset Flag
EXIF.0
BGS
Bandgap Select
ACON.5
PAGES0
Page Mode Select Bit 0
ACON.6
PAGES1
Page Mode Select Bit 1
ACON.7
PAGEE
Page Mode Enable
ROMSIZE.0
RMS0
Program Memory Size Select Bit 0
ROMSIZE.1
RMS1
Program Memory Size Select Bit 1
ROMSIZE.2
RMS2
Program Memory Size Select Bit 2
ROMSIZE.3
PRAME
Program RAM Enable
FCNTL.0
FC0
Flash Command Bit 0
FCNTL.1
FC1
Flash Command Bit 1
FCNTL.2
FC2
Flash Command Bit 2
FCNTL.3
FC3
Flash Command Bit 3
Before these bits can be altered, the processor must execute the timed-access sequence. This sequence consists
of writing an AAh to the timed access (TA, C7h) register, followed by writing a 55h to the same register within three
machine cycles. This timed sequence of steps allows any of the timed access-protected SFR bits to be altered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com