Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 19Page - Dallas Semiconductor DS89C430 Datasheet HTML 20Page - Dallas Semiconductor DS89C430 Datasheet HTML 21Page - Dallas Semiconductor DS89C430 Datasheet HTML 22Page - Dallas Semiconductor DS89C430 Datasheet HTML 23Page - Dallas Semiconductor DS89C430 Datasheet HTML 24Page - Dallas Semiconductor DS89C430 Datasheet HTML 25Page - Dallas Semiconductor DS89C430 Datasheet HTML 26Page - Dallas Semiconductor DS89C430 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
23 of 46
The signature bytes can be read in ROM loader mode or in parallel programming mode. Reading data from
addresses 30h, 31h, and 60h provides signature information on manufacturer, part, and extension as follows:
ADDRESS
VALUE
MEANING
30h
DAh
Manufacturer ID
31h
43h
DS89C430 Device ID
31h
44h
DS89C440 Device ID (Contact factory or replace with DS89C430 or DS89C450.)
31h
45h
DS89C450 Device ID
60h
01h
Device Extension
Note: The read/write accessibility of the flash memory during in-application programming is not affected by the state of the lock
bits. However, the lock bits do affect the read/write accessibility in ROM loader and parallel programming modes.
In-Application Programming by User Software
The DS89C430 supports in-application programming of on-chip flash memory by user software. In-application
programming is initiated by writing a flash command into the flash control (FCNTL:D5h) register to enable the flash
memory for erase/program/verify operations. Address and data are input into the MMU through the flash data
(FDATA:D6h) register. The flash command also enables read/write accesses to the FDATA. The MMU’s sequencer
provides the operation sequences and control functions to the flash memory. The MMU is designed to operate
independently from the processor, except for read/write access to the SFRs.
Only the upper bank of the on-chip program memory can be in-application programmed by the user software. The
lower bank of the on-chip program memory contains system hardware-dependent codes that are crucial to system
operation and should not be altered during in-application programming.
All flash operations are self-timed. The user software can monitor the progress of an erase or programming
operation through the flash busy (FBUSY;FCNTL.7) bit with a reset value at logic 1. A selected operation
automatically starts when required data is written to the FDATA SFR. The MMU clears the FBUSY bit to indicate
the start of a write/erase operation. The FBUSY bit may not change state for up to 1
s after the operation is
requested. During this time, the application should poll the status of the FBUSY bit waiting for it to change state.
This bit is held low until either the end of the operation or until an error indicator is returned. A flash operating
failure terminates the current operation and sets the flash error flag (FERR;FCNTL.6) to logic 1. Both the busy and
error flags are read-only bits.
Read/write access during in-application programming is not affected by the state of the lock bits.
A sample programming sequence for a "write upper program memory bank" is shown below. The command must be
reentered each time an operation is requested, i.e., it is not permissible to issue the “write upper program memory
bank” command once and then repeatedly load address and data values to program a block of memory.
1.
Make sure the
FBUSY bit is 1 to indicate flash MMU is idle.
2.
Write 0Bh to the FCNTL register using the timed access sequence.
3.
Write address_MSB to the FDATA register.
4.
Write address_LSB to the FDATA register.
5.
Write data_value to the FDATA register.
6.
Make sure the
FBUSY bit is 0 to indicate programming has started.
7.
Wait for
FBUSY bit to return to 1 to indicate end of programming operation.
8.
Make sure FERR is 0 to indicate no programming error.
The flash command (FC3–FC0;FCNTL.3:0) bits provide flash commands as listed in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com