Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS89C430 Datasheet HTML 1Page - Dallas Semiconductor DS89C430 Datasheet HTML 2Page - Dallas Semiconductor DS89C430 Datasheet HTML 3Page - Dallas Semiconductor DS89C430 Datasheet HTML 4Page - Dallas Semiconductor DS89C430 Datasheet HTML 5Page - Dallas Semiconductor DS89C430 Datasheet HTML 6Page - Dallas Semiconductor DS89C430 Datasheet HTML 7Page - Dallas Semiconductor DS89C430 Datasheet HTML 8Page - Dallas Semiconductor DS89C430 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
DS89C430/DS89C450
4 of 46
AC CHARACTERISTICS
(VCC = 4.5V to 5.5V, TO = -40°C to +85°C.) (See Figure 1, Figure 2, and Figure 3.)
1-CYCLE
PAGE MODE 1
2-CYCLE
PAGE MODE 1
4-CYCLE
PAGE MODE 1
PAGE MODE 2
NONPAGE MODE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
System Clock External
Oscillator (Note 15)
1/tCLCL
0
33
0
33
0
33
0
33
0
33
System Clock External Crystal
(Note 15)
1/tCLCL
1
33
1
33
1
33
1
33
1
33
MHz
ALE Pulse Width (Note 16)
tLHLL
0.5tCLCL - 2
+ tSTC3
tCLCL - 2
+ tSTC3
2tCLCL - 4
+ tSTC3
1.5tCLCL - 5
+ tSTC3
1.5tCLCL - 5
+ tSTC3
ns
Port 0 Instruction Address Valid
to ALE Low
tAVLL
tCLCL - 3
0.5tCLCL - 3
ns
Port 2 Instruction Address Valid
to ALE Low
tAVLL2
0.5tCLCL - 4
0.5tCLCL - 4
1.5tCLCL - 4
0.5tCLCL - 4
tCLCL - 4
ns
Port 0 Data AddressValid to
ALE Low
tAVLL3
tCLCL - 3 +
tSTC3
0.5tCLCL - 3
+ tSTC3
ns
Program Address Hold After
ALE Low
tLLAX
0.5tCLCL - 8
1.5tCLCL - 8
2.5tCLCL - 8
1tCLCL - 10
1tCLCL - 10
ns
Address Hold after ALE Low
MOVX Write
tLLAX2
0.5tCLCL - 8
+ tSTC4
1.5tCLCL - 8
+ tSTC4
2.5tCLCL - 8
+ tSTC3
0.5tCLCL - 8
+ tSTC2
0.5tCLCL - 8
+ tSTC2
ns
Address Hold after ALE Low
MOVX Read
tLLAX3
0.5tCLCL - 8
+ tSTC4
1.5tCLCL - 8
+ tSTC4
2.5tCLCL - 8
+ tSTC3
0.5tCLCL - 8
+ tSTC3
0.5tCLCL - 8
+ tSTC2
ns
ALE Low to Valid Instruction In
tLLIV
2tCLCL - 6
2tCLCL - 6
ns
ALE Low to
PSEN Low
tLLPL
1.5tCLCL - 6
0.5tCLCL - 2
ns
PSEN Pulse Width for Program
Fetch
tPLPH
tCLCL - 5
tCLCL - 5
2tCLCL - 5
tCLCL - 5
2tCLCL - 5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com