Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS89C430 Datasheet HTML 1Page - Dallas Semiconductor DS89C430 Datasheet HTML 2Page - Dallas Semiconductor DS89C430 Datasheet HTML 3Page - Dallas Semiconductor DS89C430 Datasheet HTML 4Page - Dallas Semiconductor DS89C430 Datasheet HTML 5Page - Dallas Semiconductor DS89C430 Datasheet HTML 6Page - Dallas Semiconductor DS89C430 Datasheet HTML 7Page - Dallas Semiconductor DS89C430 Datasheet HTML 8Page - Dallas Semiconductor DS89C430 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
3 of 46
Note 1:
Specifications to -40°C are guaranteed by design and not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
The user should note that this part is tested and guaranteed to operate down to 4.5V (10%) and that VRST (min) is specified below
that point. This indicates that there is a range of voltages [(VMIN to VRST (min)] where the processor's operation is not guaranteed, but
the reset trip point has not been reached. This should not be an issue in most applications, but should be considered when proper
operation must be maintained at all times. For these applications, it may be desirable to use a more accurate external reset.
Note 4:
While the specifications for VPFW and VRST overlap, the design of the hardware makes it so this is not possible. Within the ranges
given, there is guaranteed separation between these two voltages.
Note 5:
Active current is measured with a 33MHz clock source driving XTAL1, VCC = RST = 5.5V. All other pins are disconnected.
Note 6:
Idle mode current is measured with a 33MHz clock source driving XTAL1, VCC = 5.5V, RST at ground. All other pins are
disconnected.
Note 7:
Stop mode is measured with XTAL and RST grounded, VCC = 5.5V. All other pins are disconnected.
Note 8:
RST = 5.5V. This condition mimics the operation of pins in I/O mode.
Note 9:
During a 0-to-1 transition, a one shot drives the ports hard for two clock cycles. This measurement reflects a port pin in transition
mode.
Note 10:
When addressing external memory.
Note 11:
Guaranteed by design.
Note 12:
Ports 1, 2, and 3 source transition current when pulled down externally. The current reaches its maximum at approximately 2V.
Note 13:
RST = 5.5V. Port 0 is floating during reset and when in the logic-high state during I/O mode.
Note 14:
This port is a weak address holding latch in bus mode. Peak current occurs near the input transition point of the holding latch at
approximately 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com