Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 4 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 4 Page - Integrated Device Technology

  AV9155C Datasheet HTML 1Page - Integrated Device Technology AV9155C Datasheet HTML 2Page - Integrated Device Technology AV9155C Datasheet HTML 3Page - Integrated Device Technology AV9155C Datasheet HTML 4Page - Integrated Device Technology AV9155C Datasheet HTML 5Page - Integrated Device Technology AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AV9155C
Pin Configuration
Pin Descriptions for AV9155C-23, -36
20-Pin DIP or SOIC
20-Pin DIP or SOIC
N
I
P
R
E
B
M
U
N
N
I
P
E
M
A
N
E
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1z
H
M
0
4
/
3
4
8
.
1t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
)
6
3
-
(
I
S
C
S
z
H
M
0
4
/
)
3
2
-
(
z
H
M
4
8
.
1
22
Xt
u
p
t
u
O.
n
o
i
t
c
e
n
n
o
c
l
a
t
s
y
r
C
31
Xt
u
p
n
I.
n
o
i
t
c
e
n
n
o
c
l
a
t
s
y
r
C
4D
D
V-
.
)
V
0
.
5
r
o
V
3
.
3
(
y
l
p
p
u
s
r
e
w
o
p
l
a
t
i
g
i
D
5D
N
G-
.
d
n
u
o
r
g
l
a
t
i
g
i
D
6z
H
M
5
1
/
z
H
M
6
1t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
)
6
3
-
(
z
H
M
5
1
/
)
3
2
-
(
z
H
M
6
1
7z
H
M
4
2t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
O
/
I
n
o
i
t
a
n
i
b
m
o
c
/
k
s
i
d
y
p
p
o
l
f
z
H
M
4
2
8z
H
M
2
1t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
d
r
a
o
b
y
e
k
z
H
M
2
1
9D
N
G
A-
.
)
n
o
i
s
r
e
v
l
a
n
i
g
i
r
o
(
d
n
u
o
r
g
g
o
l
a
n
A
0
1E
Ot
u
p
n
I)
.
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
(
.
w
o
l
n
e
h
w
s
t
u
p
t
u
o
l
l
a
s
e
t
a
t
s
i
r
T
.
e
l
b
a
n
e
t
u
p
t
u
O
1
12
S
Ft
u
p
n
I)
.
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
h
3
2
-
(
.
2
#
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
k
c
o
l
c
U
P
C
2
1#
D
Pt
u
p
n
I)
.
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
(
.
w
o
l
n
e
h
w
p
i
h
c
e
r
i
t
n
e
f
f
o
s
t
u
h
S
.
n
w
o
d
-
r
e
w
o
P
3
1z
H
M
8
1
3
.
4
1t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
4
1z
H
M
8
1
3
.
4
1t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
5
1D
N
G-
.
d
n
u
o
r
g
l
a
t
i
g
i
D
6
1D
D
V-
.
)
V
0
.
5
r
o
V
3
.
3
(
y
l
p
p
u
s
r
e
w
o
p
l
a
t
i
g
i
D
7
1U
P
C
X
2t
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
U
P
C
X
2
8
1U
P
Ct
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
U
P
C
X
1
9
11
S
Ft
u
p
n
I)
.
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
h
3
2
-
(
.
1
#
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
k
c
o
l
c
U
P
C
0
20
S
Ft
u
p
n
I)
.
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
h
3
2
-
(
.
0
#
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
k
c
o
l
c
U
P
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com