Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 14 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology AV9155C Datasheet HTML 10Page - Integrated Device Technology AV9155C Datasheet HTML 11Page - Integrated Device Technology AV9155C Datasheet HTML 12Page - Integrated Device Technology AV9155C Datasheet HTML 13Page - Integrated Device Technology AV9155C Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
AV9155C
Ordering Information
AV9155C-01CW20, AV9155C-02CM20,
AV9155C-23CM20, AV9155C-36CM20
T
N
U
O
C
D
A
E
LL
4
1L
6
1L
8
1L
0
2L
4
2L
8
2L
2
3
L
N
O
I
S
N
E
M
I
D4
5
3
.
04
0
4
.
04
5
4
.
04
0
5
.
04
0
6
.
04
0
7
.
04
0
8
.
0
ICS XXXX-PPP M X#W
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
Package Type
W=SOIC
T&R=Tape and Reel
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com