Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 8 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button AV9155C Datasheet HTML 4Page - Integrated Device Technology AV9155C Datasheet HTML 5Page - Integrated Device Technology AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology AV9155C Datasheet HTML 10Page - Integrated Device Technology AV9155C Datasheet HTML 11Page - Integrated Device Technology AV9155C Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
AV9155C
Electrical Characteristics at 3.3V
VDD =3.0V to 3.7V, TA=0°C to 70°C unless otherwise stated
Notes:
1 Parameter is guaranteed by design and characterization, not subject to production testing.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
IV D
DV
3
.
3
=-
-
V
2
.
0D
DV
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
IV D
DV
3
.
3
=V
7
.
0D
D-
-
V
#
D
P
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
D
P
H
IV D
Dt
u
p
n
i
#
D
P
r
o
f
,
V
3
.
3
=2
.
2-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
I)
n
i
p
p
u
-
l
l
u
p
(
V
0
=
N
I
V-
1
15
2A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D5
-0
5
A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV L
OI L
OA
m
4
=-
V
5
0
.
0D
DV
1
.
0D
DV
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
VH
OI H
OA
m
5
.
3
-
=-
V
4
9
.
0D
D-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
1
IL
OV L
OV
2
.
0
=D
D2
12
2-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
1
IH
OV H
OV
7
.
0
=D
D-
1
1
-5
.
6
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI D
Dz
H
M
6
.
6
6
,
d
e
d
a
o
l
n
U-
8
25
4A
m
n
w
o
d
-
r
e
w
o
P
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
P
D
DK
L
C
Sx
0
=
#
D
P
0
0
0
=-
5
2
.
05
.
0A
m
e
g
n
a
h
C
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
n
a
y
l
p
p
u
S
r
e
v
o
e
r
u
t
a
r
e
p
m
e
T
1
FD
l
a
c
i
p
y
t
o
t
t
c
e
p
s
e
r
h
t
i
W
y
c
n
e
u
q
e
r
f
-2
0
0
.
01
0
.
0%
t
n
e
r
r
u
c
t
i
u
c
r
i
c
t
r
o
h
S
1
IC
Sk
c
o
l
c
t
u
p
t
u
o
h
c
a
E0
20
3-
A
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
1
CI
2
X
,
1
X
t
p
e
c
x
E-
-
0
1F
p
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
1
CL
2
X
,
1
X
s
n
i
P-
0
2-
F
p
r
o
t
s
i
s
e
R
p
u
-
l
l
u
P
1
Ru
pV
t
aN
IV
=D
DV
1
-0
2
10
3
30
5
6m
h
o
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com