Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 11 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology AV9155C Datasheet HTML 10Page - Integrated Device Technology AV9155C Datasheet HTML 11Page - Integrated Device Technology AV9155C Datasheet HTML 12Page - Integrated Device Technology AV9155C Datasheet HTML 13Page - Integrated Device Technology AV9155C Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AV9155C
Notes:
1. ICS recommends the use of an isolated ground plane for the AV9155C. All grounds shown on this drawing should be
connected to this ground plane. This ground plane should be connected to the system ground plane at a single point. Please
refer to AV9155C Board Layout Diagram.
2. A single power supply connection for all VDD lines at the 2.2µF decoupling capacitor is recommended to reduce interaction
of analog and digital circuits. The 0.1µF decoupling capacitors should be located as close to each VDD pin as possible.
3. A 33
Ω
Ω
Ω
Ω
Ω series termination resistor should be used on any clock output which drives more than one load or drives a long trace
(more than about two inches), especially when using high frequencies (>50 MHz). This termination resistor is put in series
with the clock output line close to the clock output. It helps improve jitter performance and reduce EMI by damping standing
waves caused by impedance mismatches in the output clock circuit trace.
4. The ferrite bead does not enhance the performance of the AV9155C, but will reduce EMI radiation from the VDD line.
AV9155C Recommended External Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com