Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 7 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button AV9155C Datasheet HTML 3Page - Integrated Device Technology AV9155C Datasheet HTML 4Page - Integrated Device Technology AV9155C Datasheet HTML 5Page - Integrated Device Technology AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology AV9155C Datasheet HTML 10Page - Integrated Device Technology AV9155C Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AV9155C
Electrical Characteristics at 5V
VDD = 4.0 to 5.5V (5V +10%/-20%); TA=0°C to 70°C unless otherwise stated
Notes:
1 Parameter is guaranteed by design and characterization, not subject to production testing.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
m
i
T
e
s
i
R
k
c
o
l
C
t
u
p
n
I
1
tr
C
I-
-
0
2s
n
e
m
i
T
l
l
a
F
k
c
o
l
C
t
u
p
n
I
1
tf
C
I-
-
0
2s
n
e
m
i
t
e
s
i
R
t
u
p
t
u
O
1
tr
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
5
2-
5
.
12
s
n
e
m
i
t
e
s
i
R
1
tr
%
0
8
o
t
%
0
2
,
d
a
o
l
F
p
5
2
VD
D
-0
.
20
.
4s
n
e
m
i
t
l
l
a
F
t
u
p
t
u
O
1
tf
V
8
.
0
o
t
0
.
2
,
d
a
o
l
F
p
5
2-
0
.
10
.
2s
n
e
m
i
t
l
l
a
F
1
tf
%
0
2
o
t
%
0
8
,
d
a
o
l
F
p
5
2
VD
D
-3
.
10
.
3s
n
e
l
c
y
c
y
t
u
D
1
dt
V
4
.
1
t
a
d
a
o
l
F
p
5
25
5
/
5
42
5
/
8
45
4
/
5
5%
,
e
l
c
y
c
y
t
u
D
1
s
k
c
o
l
c
e
c
n
e
r
e
f
e
rdt
V
4
.
1
t
a
d
a
o
l
F
p
5
26
33
40
5%
a
m
g
i
s
e
n
o
,
r
e
t
t
i
J
1
0
5
o
t
0
2
,
s
k
c
o
l
c
z
H
M
1
0
4
d
n
a
U
P
C
n
o
U
P
C
X
2
n
o
z
H
M
0
0
1
o
t
t1
s
l
js
e
l
c
y
c
0
0
0
,
0
1-
8
.
00
.
2%
a
m
g
i
s
e
n
o
,
r
e
t
t
i
J
1
d
e
x
i
f
,
0
2
w
o
l
e
b
s
k
c
o
l
c
&
k
c
o
l
c
z
H
M
0
4
w
o
l
e
b
,
U
P
C
n
o
z
H
M
U
P
C
X
2
n
o
t2
s
l
js
e
l
c
y
c
0
0
0
,
0
1-
8
.
00
.
2%
e
t
u
l
o
s
b
a
,
r
e
t
t
i
J
1
0
5
o
t
0
2
,
s
k
c
o
l
c
z
H
M
1
0
4
d
n
a
U
P
C
n
o
U
P
C
X
2
n
o
z
H
M
0
0
1
o
t
t1
b
a
js
e
l
c
y
c
0
0
0
,
0
10
.
4
-0
.
20
.
4%
e
t
u
l
o
s
b
a
,
r
e
t
t
i
J
1
k
c
o
l
c
d
e
x
i
f
,
n
o
z
H
M
0
2
w
o
l
e
b
s
k
c
o
l
c
&
n
o
z
H
M
0
4
w
o
l
e
b
,
U
P
C
U
P
C
X
2
t2
b
a
js
e
l
c
y
c
0
0
0
,
0
10
.
5
-0
.
20
.
5%
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
fn
i2
8
1
3
.
4
12
3z
H
M
t
u
p
t
u
O
m
u
m
i
x
a
M
y
c
n
e
u
q
e
r
F
1
ft
u
oU
P
C
X
2
t
a0
0
10
2
2z
H
M
d
n
a
U
P
C
n
e
e
w
t
e
b
w
e
k
s
k
c
o
l
C
s
t
u
p
t
u
o
U
P
C
X
2
1
Tk
s-
0
4
10
0
4s
p
e
m
i
T
p
u
-
r
e
w
o
P
1
tO
P
tz
H
M
6
6
o
t-
8
5
1s
m
e
m
i
T
n
o
i
t
i
s
n
a
r
T
y
c
n
e
u
q
e
r
F
1
tt
fH
M
6
6
.
6
6
o
t
8
m
o
r
f-
5
.
62
1s
m
z
H
M
0
8
o
t
2
3
m
o
r
f-
8
.
12
.
3s
m
z
H
M
2
3
o
t
0
8
m
o
r
f-
5
.
20
.
5s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com