Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 12 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology AV9155C Datasheet HTML 10Page - Integrated Device Technology AV9155C Datasheet HTML 11Page - Integrated Device Technology AV9155C Datasheet HTML 12Page - Integrated Device Technology AV9155C Datasheet HTML 13Page - Integrated Device Technology AV9155C Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
AV9155C
AV9155C Recommended Board Layout
This is the recommended layout for the AV9155C to maximize clock performance. Shown are the power and ground
connections, the ground plane, and the input/output traces.
Use of the isolated ground plane and power connection, as shown, will prevent stray high frequency ground and system noise
from propagating through the device. When compared to using the system ground and power planes, this technique will
minimize output clock jitter. The isolated ground plane should be connected to the system ground plane at one point, near the
2.2µF decoupling cap. For lowest jitter performance, this isolated ground plane should be kept away from clock output pins
and traces. Keeping the isolated ground plane area as small as possible will minimize EMI radiation. Use a sufficient gap
between the isolated ground plane and system ground plane to prevent AC coupling. The ferrite bead in the VDD line optional,
but will help reduce EMI.
The traces to distribute the output clocks should be over a system ground or power supply plane. The trace width should be about
two times the thickness of the PC board between the trace and the underlying plane. These guidelines help minimize clock jitter
and EMI radiation. The traces to distribute power should be as wide as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com