Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 6 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button AV9155C Datasheet HTML 2Page - Integrated Device Technology AV9155C Datasheet HTML 3Page - Integrated Device Technology AV9155C Datasheet HTML 4Page - Integrated Device Technology AV9155C Datasheet HTML 5Page - Integrated Device Technology AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology AV9155C Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AV9155C
Electrical Characteristics at 5V
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
VDD = 4.0 to 5.5V (5V +10%/-20%); TA=0°C to 70°C unless otherwise stated
Notes:
1 Parameter is guaranteed by design and characterization, not subject to production testing.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
IV D
DV
5
=-
-
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
IV D
DV
5
=0
.
2-
-
V
#
D
P
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
D
P
H
IV D
Dt
u
p
n
i
#
D
P
r
o
f
,
V
5
=2
.
2-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
IV N
I)
n
i
p
p
u
-
l
l
u
p
(
V
0
=-
6
15
3A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D5
-0
5
A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV L
OI L
OA
m
8
=-
5
1
.
04
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
VH
OI H
OA
m
5
2
-
=4
.
27
.
3-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
1
IL
OV L
O8
.
0
=5
12
3-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
1
IH
OV H
OV
0
.
2
=-
8
4
-0
3
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI D
Dz
H
M
6
6
,
d
e
d
a
o
l
n
U-
8
30
6A
m
n
w
o
d
-
r
e
w
o
P
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
P
D
DK
L
C
Sx
0
=
#
D
P
0
0
0
=-
7
.
05
.
1A
m
e
g
n
a
h
C
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
n
a
y
l
p
p
u
S
r
e
v
o
e
r
u
t
a
r
e
p
m
e
T
1
FD
l
a
c
i
p
y
t
o
t
t
c
e
p
s
e
r
h
t
i
W
y
c
n
e
u
q
e
r
f
-2
0
0
.
01
0
.
0%
t
n
e
r
r
u
c
t
i
u
c
r
i
c
t
r
o
h
S
1
IC
Sk
c
o
l
c
t
u
p
t
u
o
h
c
a
E5
20
4-
A
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
1
CI
2
X
,
1
X
t
p
e
c
x
E-
-
0
1F
p
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
1
CL
2
X
,
1
X
s
n
i
P-
0
2-
F
p
r
o
t
s
i
s
e
R
p
u
-
l
l
u
P
1
Ru
pV
t
aN
IV
=D
DV
1
-0
2
10
5
30
0
7m
h
o
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com