Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 5 Page - Integrated Device Technology

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155C Datasheet(HTML) 5 Page - Integrated Device Technology

  AV9155C Datasheet HTML 1Page - Integrated Device Technology AV9155C Datasheet HTML 2Page - Integrated Device Technology AV9155C Datasheet HTML 3Page - Integrated Device Technology AV9155C Datasheet HTML 4Page - Integrated Device Technology AV9155C Datasheet HTML 5Page - Integrated Device Technology AV9155C Datasheet HTML 6Page - Integrated Device Technology AV9155C Datasheet HTML 7Page - Integrated Device Technology AV9155C Datasheet HTML 8Page - Integrated Device Technology AV9155C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
AV9155C
CLOCK#2 CPU and 2XCPU
*VDDminimum3.15V
PERIPHERAL CLOCKS
REFERENCE CLOCKS
CLOCK#2 CPU and 2XCPU
*VDDminimum3.15V
PERIPHERAL CLOCKS
REFERENCE CLOCKS
K
L
C
M
M
O
C
)
1
n
i
P
(
n
i
P
(
K
L
C
S
U
B
)
6
K
L
C
D
F
)
7
n
i
P
(
K
L
C
B
K
)
8
n
i
P
(
3
4
8
.
16
14
22
1
K
L
C
I
S
C
S
)
1
n
i
P
(
n
i
P
(
K
L
C
S
U
B
)
6
K
L
C
D
F
)
7
n
i
P
(
K
L
C
B
K
)
8
n
i
P
(
0
45
14
22
1
1
K
L
C
F
E
R
)
3
1
n
i
P
(
2
K
L
C
F
E
R
)
4
1
n
i
P
(
8
1
3
.
4
18
1
3
.
4
1
1
K
L
C
F
E
R
)
3
1
n
i
P
(
2
K
L
C
F
E
R
)
4
1
n
i
P
(
8
1
3
.
4
18
1
3
.
4
1
2
S
F
)
1
1
n
i
P
(
1
S
F
)
9
1
n
i
P
(
0
S
F
)
0
2
n
i
P
(
U
P
C
X
2
)
7
1
n
i
P
(
U
P
C
)
8
1
n
i
P
(
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
6
1
0
6
0
4
0
5
6
6
.
6
6
*
0
8
*
0
0
1
4
8
0
3
0
2
5
2
3
3
.
3
3
*
0
4
*
0
5
Functionality - AV9155C-23
(Using 14.318 MHz input. All frequencies in MHz.)
Functionality - AV9155C-36
(Using 14.318 MHz input. All frequencies in MHz.)
2
S
F
)
1
1
n
i
P
(
1
S
F
)
9
1
n
i
P
(
0
S
F
)
0
2
n
i
P
(
U
P
C
X
2
)
7
1
n
i
P
(
U
P
C
)
8
1
n
i
P
(
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
*
5
7
2
3
0
6
0
4
0
5
6
6
.
6
6
*
0
8
2
5
*
5
.
7
3
6
1
0
3
0
2
5
2
3
3
.
3
3
*
0
4
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com