Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 22 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 22 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 18Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 19Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 20Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 21Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 22Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 23Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 24Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 25Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 26Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
I/O Configuration Menu (Fault Relay #1 Setting)
Display
Keystroke
Comment and/or Additional Keystrokes
I/O Config
Press ENT
Enters the Relay Settings menu.
to select
Relay Settings
Press ENT
Allows entry into the Select Relay submenu.
to select
Select Relay
Press ENT
Allows configuration of relay.
to select
Select Relay
Press ENT
Enters a submenu to configure relay #1.
1
Fault Relay (#1)
Press ENT
Moves the
to the bottom line of the LCD. This allows relay #1 to be enabled
Disable
if it is to be used.
Fault Relay (#1)
Press
Pressing
enables the relay.
Disable
Fault Relay (#1)
Press ENT
Moves the
to the top line of the LCD.
Enable
Fault Relay (#1)
Press
Moves to the next item.
Enable
Relay On Delay
Press ENT
A one-second delay on the relay is preset from the factory to prevent relay
1 sec
or
chattering during turbulent process conditions. Press
to keep this at one
second, or press ENT to change it to a different (0-255 seconds) value.
Relay Off Delay
Press ENT
Press
to keep this at one second, or press ENT to change it to a different
1 sec
or
(0-255 seconds) value.
Previous Menu
Press ENT
Reverts back to the Select Relay submenu.
to select
22
SOFTWARE CONFIGURATION cont.
This menu is used to configure the relay settings, 4–20 mA
output, and communication parameters of the Model
300/301. Refer to pages 13 and 14 for the complete menu
layout. The first part of this section shows how to configure
each type of relay (fault, alarm, and lead lag). The second
part shows how to configure the 4-20 mA and RS-485 out-
puts. The I/O Configuration Menu can be entered from the
RUN mode by pushing ENT and the pressing
twice.
I/O CONFIGURATION MENU
The 300/301 transmitter can be provided with four relays,
two relays, or no relays. The relays can be configured to be
fault (diagnostic) relays, alarm relays (controlled by level, vol-
ume, or flow), or lead lag (pump control) relays.
RELAY SETTINGS
Relay #1 is the only relay that can be used as a fault relay to
indicate when the diagnostics of the 300/301 have deter-
mined that there is a fault condition. There are six fault con-
ditions that will change the state of relay #1 when a fault
occurs: echo loss, ringdown, transducer fail, no transducer,
bad
transducer,
and
temperature
fail.
See
the
Troubleshooting section for details on each of these fault
conditions.
Fault Relay Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com