Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 30 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 30 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 26Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 27Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 28Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 29Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 30Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 31Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 32Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 33Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 34Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
PROGRAMMING cont.
Command
Register #
Comments
Forces Loop to Loop Force Value
00001
Forces loop to loop force value
On/Off
Enables Loop Control
00002
Enables loop control
On = Enable; Off =Disable
Relay #1 to Force On Value
00003
Relay #1 diagnostic test
On = Enable; Off = Disable (normal operation)
Force On Value (Relay #1)
00004
Off = De-Energized; On= Energized
Relay #2 to Force On Value
00005
Relay #2 diagnostic test
On = Enable; Off = Disable (normal operation)
Force On Value (Relay #2)
00006
Off = De-Energized; On= Energized
Relay #3 to Force On Value
00007
Relay #3 diagnostic test
On = Enable; Off = Disable (normal operation)
Force On Value (Relay #3)
00008
Off = De-Energized; On= Energized
Relay #4 to Force On Value
00009
Relay #4 diagnostic test
On = Enable; Off = Disable (normal operation)
Force On Value (Relay #4)
00010
Off = De-Energized; On= Energized
Enable Relay #1
00011
Off = Disable; On = Enable
Relay Action for Relay #1
00012
Off = DNRG <Set point; On = DNRG > Set point
Relay #1 as Fault Relay Setting
00013
Off = Normal; On = Fault (Read Only —Functions 1 or 2)
Enable Relay #2
00014
Off = Disable; On = Enable
Relay Action for Relay #2
00015
Off = DNRG < Set point; On = DNRG > Set point
Enable Relay #3
00016
Off = Disable; On = Enable
Relay Action for Relay #3
00017
Off = DNRG < Set point; On = DNRG > Set point
Enable Relay #4
00018
Off = Disable; On = Enable
Relay Action for Relay #4
00019
Off = DNRG < Set point; On = DNRG > Set point
MODEL 300/301 MODBUS MAPPING cont.
1-BIT COIL VALUES
Minimum
Maximum
Maximum
Command
Register #
Comments
Decimal
Decimal
Hex
Value
Value
Value
Damping
40001
Output damping values in seconds
1
60
0 x 3C
Units
40002
1 = inches; 2 = feet; 3 = centimeters; 4 = meters
14
0 x 04
Lead–Lag Relay Select
30003
Refer to Lead–Lag group size table*
3
15
0 x 0F
(read only—functions 3 or 4)
Lead–Lag Relay Quantity
30004
Refer to Lead–Lag group size table*
24
0 x 04
(read only—functions 3 or 4)
On Time Delay — Relay #1
40005
Time delay before relay energize (seconds)
0
255
0 x FF
Off Time Delay — Relay #1
40006
Time delay before relay de-energize (seconds)
0
255
0 x FF
On Time Delay — Relay #2
40007
Time delay before relay energize (seconds)
0
255
0 x FF
Off Time Delay — Relay #2
40008
Time delay before relay de-energize (seconds)
0
255
0 x FF
On Time Delay — Relay #3
40009
Time delay before relay energize (seconds)
0
255
0 x FF
Off Time Delay — Relay #3
40010
Time delay before relay de-energize (seconds)
0
255
0 x FF
On Time Delay — Relay #4
40011
Time delay before relay energize (seconds)
0
255
0 x FF
Off Time Delay — Relay #4
40012
Time delay before relay de-energize (seconds)
0
255
0 x FF
Current Relay Status
30013
Data contained in lower byte
0
15
0 x 0F
All “Off” = 0000; All “On” = 000F
Loop Control Bits
40014
Bit 0:
Set to 0
0
26
0 x 1A
Bit 1:
1 = enable; 0 = disable
Bit 2:
Set to 0
Bit 4–3: Fault mode: 01 = 22 mA
10 = 3.5 mA
11 = Hold
Bits 5–7: Set to 0
Bits 8–15: Set to 0
16-BIT REGISTER VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com