Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 12Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 13Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 14Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 15Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 16Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 17Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 18Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 19Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 20Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
SOFTWARE CONFIGURATION cont.
18"
(457 mm)
Range
Span
NO
YES
Figure 9
Figure 10
16
Maximum
span
should
never be great enough to
allow level measurement
inside the nozzle, where
the ultrasonic transducer is
mounted.
SYSTEM CONFIGURATION MENU—LEVEL ONLY cont.
System Configuration Menu (Level Only) cont.
Display
Keystroke
Comment and/or Additional Keystrokes
Range Setting
Press ENT or
Press ENT to change the range setting. If setting is correct press
xxxx units
to continue to Span Settings. Refer to Figure 9.
NOTE: It is recommended to use Manual Set (as opposed to Auto Set) when changing the range or span settings.
Press ENT to manually set the range setting. An
will appear in the bottom line
Manual Set
Press ENT or
of the display. This allows you to change the range value. Measure the
xxxx units
distance from the face of the transducer to the maximum distance to be
measured. Enter value and press ENT. If Auto Set is preferred press
.
The liquid surface must be at the maximum distance to be measured.
Auto Set (If chosen)
Press ENT or
Check to see that the distance being displayed is correct. When you press the
xxxx units
ENT key, that distance will be set as your range and the program will continue
on to the next selection. To continue without making changes press
.
NOTE: The span value is automatically set ONLY when the entered range value has decreased from its previous value.
Span Setting
Value shown will be 18 inches less than the range setting. This is the maximum
xxxx units
Press ENT or
span value available. If you want to reduce the span, press ENT. Refer to Figures
9 and 10. If the present setting is correct press
to continue to Previous Menu.
Manual Set
Press ENT to manually set the span setting. Measure the distance from the
xxxx units
Press ENT or
maximum range that was set to the highest point to be measured. Enter value
and press ENT. If Auto Set is preferred press
.
The liquid surface must be at the highest level to be measured.
Auto Set (If chosen)
Press ENT or
Check to see that the level being displayed is correct. When you press the ENT
xxxx units
key, that measurement will be set as your span and the program will continue on
to the next selection. To continue without changes press
.
Previous Menu
Press ENT
Pressing the ENT key will set all values and return to System Config. Press DEL
ENT to select
to return to the run mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com