Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 9Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 10Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 11Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
WIRING cont.
Figure 6
Optional Remote Transducer Housing Wiring
Figure 5
Front Panel Wiring
TRANSDUCER
WIRING
(X1, X2 [GND], SHLD)
TEMPERATURE
SENSOR
WIRING
(+, –)
X1
X2
+ –
Shield
Shield
S
H
L
D
Blue with white stripe
Orange with white stripe
White with orange stripe
X2
X1
White with blue stripe
Shield
RS-485 terminals
4–20 mA terminals
Active/Passive
mode switch
(+)
A
B
(–)
}
}
Transducer wiring (TB6)
Shield
+
TRANSDUCER WIRING
The transducer wiring section describes the proper wiring
procedures for connecting a remote Model 301 transmitter
with a Model 384 transducer. If you have an integral Model
300 unit, please proceed to Control Relay Wiring.
NOTE: Remote mount Model 301 transducer cabling should
be routed through the 1" NPT conduit opening in the front of
the unit. No cables should be routed through the bottom
center entry in the base of remote-mounted Model 301 units.
The transducer cable consists of two twisted pairs of wire,
wrapped with a shield. Each wire is labeled for identification.
Refer to Figures 5 and 6.
After running the transducer wiring through the conduit,
from the transducer to the transmitter, separate the
wires into two groups;
Group 1 – Signal Wiring (transducer), orange wire pair.
Group 2 – Temperature Compensation Wiring (temper-
ature sensor), blue wire pair.
NOTE: It is imperative that Magnetrol cable, part number
037-3176 (Belden Type 8102 or Carol C0515/E111240), be
used. If connecting cable was not provided with unit, consult
the factory for specifications. Maximum total cable length is
500 feet (152 m). AVOID SPLICING CABLE.
To prevent electromagnetic noise from disrupting the normal
operation of the Model 301, each transducer cable must be
run in its own conduit, separated from power, relays, and
other transducer cables.
Not
used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com