Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 16Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 17Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 18Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 19Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 20Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 21Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 22Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 23Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
This menu is used to select the measurement units and con-
figure the system to measure Flow & Level. Refer to page 15
for Level Only applications or page 17 for Volume & Level
applications.
Following is a step-by-step procedure for using the Flow &
Level menu. It is assumed that you are starting from the RUN
mode.
SOFTWARE CONFIGURATION cont.
20
SYSTEM CONFIGURATION MENU—FLOW AND LEVEL
System Configuration Menu (Flow and Level)
Display
Keystroke
Comment and/or Additional Keystrokes
Magnetrol Int’l
Press ENT
At start up, the unit is in the run mode displaying Magnetrol Int’l. Pressing ENT
xxxx units
allows you to enter the main menu.
Measured Values
Press
Allows you to enter the System Config menu.
ENT to Select
System Config
Press ENT
Enters the first display (Level Units) of System Config menu.
Level Units
If inches are the desired Level Units press
to continue to the next item. To
Inches
Press ENT or
change units, press ENT and
to select Feet, Centimeters, or Meters. Press ENT
to select desired Level Units.
Enter Password
Enter Valid Password
Entering a valid password and pressing ENT sets your unit selection and
(if units changed)
(factory default is 300)
continues on to the next item.
Mode Setup
Press ENT
Then press
twice, then ENT to change to Flow and Level mode.
Level Only
If Cu ft/second are the desired Flow Units, press
to continue to the next item.
Flow Units
Press ENT or
To change units, press ENT and
to select Cu Ft/minute, Cu Ft/hour,
Cubic Feet/Second
Gals/minute, Gals/hour, Mil Gals/day, Liters/sec, Liters/minute, or Liters/hour.
Press ENT to select desired Volume Units.
Flow Element
Press ENT
Press
to select the proper type and size of flow element. Flow elements are
Palmer Bowlus 4"
listed on page 14. Press ENT to select desired flow element.
Reference Dist
The display will show Manual Set which allows you to enter the reference (range)
xx.xx units
Press ENT
value. Refer to Figures 14 and 15 for flume and weir side views.
NOTE: It is recommended to use Manual Set (as opposed to Auto Set) when changing the Reference Distance.
Press ENT to manually set the reference distance. An
will appear in the
Manual Set
Press ENT or
bottom line of the display. This allows you to change the reference value.
xxxx units
Measure the distance from the face of the transducer to the maximum distance
to be measured. Enter value and press ENT. If Auto Set is preferred press
.
The liquid surface must be at the point of zero flow. Check to see that the
Auto Set (If chosen)
Press ENT or
distance being displayed is correct. When you press the ENT key, that distance
xxxx units
will be set as your reference and the program will continue on to the next
selection. To continue without making changes press
.
Maximum Flow
The unit will automatically display a value for Maximum Flow that is based on the
xx.xx units
Press
Flow Element and Reference DIstance that was entered. This can be decreased
if desired, by entering a new value and pressing ENT.
Maximum Head
The unit will automatically display a value for Maximum Head that is based on the
xx.xx units
Press
Flow Element and Reference DIstance that was entered. This can be decreased
if desired, by entering a new value and pressing ENT.
Low Flow Cutoff
When the flow values fall below the Low Flow Cutoff value, the flow value is
xx.xx units
Press
driven to zero. The unit will automatically display a value 0.10 for the Low Flow
Cutoff. This can be changed if desired, by entering a new value and pressing ENT.
Previous Menu
Press ENT
Pressing the ENT key will set all values and return to System Config. Press DEL
ENT to select
to return to the run mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com