Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 27 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 27 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 23Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 24Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 25Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 26Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 27Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 28Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 29Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 30Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 31Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
IMPLEMENTATION
This protocol guide explains the operation of the Modbus
protocol per Modicon document PI-MBUS-300 Rev J.
The Magnetrol implementation of the Modbus protocol pro-
vides a standard form of digital communications. An effort
has been made to parallel current implementations to the
greatest extent possible, so that Magnetrol products com-
municate with existing Modbus masters.
Check compatibility carefully to ensure that the Model
300/301 is configured for the data format expected by the
host computer. Exceptions made because of the unique
requirements of the Magnetrol installation have been noted.
This is no guarantee, however, that the interpretation made
here will be the same as that followed by the Modbus master.
The Magnetrol implementation of the Modbus protocol pro-
vides for the passing of measured and calculated variables,
configuration information, and diagnostics in data registers.
Data is sent in these registers as floating point values, integer
values, numeric codes related to configuration lists, status
summary words (packed bits), or individual flags (single bits).
One master and up to 31 units may be multi-dropped on a
single RS-485 communication bus.
The Modbus functions implemented in Model 300/301 are
listed in Table 3.
CONFIGURATION
The Modbus port on the Model 300/301 must be configured
to establish communications. The keypad allows the user to
set the Magnetrol Modbus port to match the Modbus mas-
ter. See page 24 for configuration instructions.
Magnetrol addresses provide unique identification for the
host. This address may range from 1 to 247 and must be
unique. Each Model 300/301 only responds when a query
has been sent to its unique address by the host.
Magnetrol units support the Remote Terminal Unit (RTU)
mode of transmission. RTU provides improved error detec-
tion capabilities and higher throughput than the ASCII mode.
The RS-485 port must be configured for a transmission
speed (baud rate). Allowable values are 1200, 2400, 4800, or
9600 bits per second.
Function
Function
Information Type
MODBUS
Code
Nomenclature
01
Read
1-bit coils
Read coil status
02
Read
1-bit coils
Read input status
03
Read
16-bit register/integer
Read holding registers
04
Read
16-bit register/integer
Read input registers
05
Write
16-bit register/coils
Force single coil
06
Write
16-bit register
Preset single register
15
Write
16-bit register/coils
Force multiple coils
16
Write
16-bit register
Preset multiple registers
Exception:
Because the Model 300/301 does not distinguish between inputs and outputs, function codes 01 and 02 (as they apply to bits) and
function codes 03 and 04 (as they apply to numeric values) refer to the same data registers.
Table 3 Modbus Functions
MODBUS PROTOCOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com